Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3005H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TZA3005H
Description  SDH/SONET STM1/OC3 and STM4/OC12 transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3005H Datasheet(HTML) 5 Page - NXP Semiconductors

  TZA3005H Datasheet HTML 1Page - NXP Semiconductors TZA3005H Datasheet HTML 2Page - NXP Semiconductors TZA3005H Datasheet HTML 3Page - NXP Semiconductors TZA3005H Datasheet HTML 4Page - NXP Semiconductors TZA3005H Datasheet HTML 5Page - NXP Semiconductors TZA3005H Datasheet HTML 6Page - NXP Semiconductors TZA3005H Datasheet HTML 7Page - NXP Semiconductors TZA3005H Datasheet HTML 8Page - NXP Semiconductors TZA3005H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2000 Feb 17
5
Philips Semiconductors
Product specification
SDH/SONET STM1/OC3 and STM4/OC12
transceiver
TZA3005H
Note
1. Pin type abbreviations: O = Output, I = Input, S = Supply, G = Ground.
RXPD4
41
O
parallel data output 4
GNDRXOUT
42
G
ground (receiver output)
RXPD5
43
O
parallel data output 5
RXPD6
44
O
parallel data output 6
RXPD7
45
O
parallel data output 7
VCC(RXOUT)
46
S
supply voltage (receiver output)
RXPCLK
47
O
receive parallel clock output
MRST
48
I
master reset (active LOW)
MODE
49
I
serial data rate select STM1/STM4
ALTPIN
50
I
test and control input
GNDTXCORE
51
G
ground (transmitter core)
VCC(TXCORE)
52
S
supply voltage (transmitter core)
TXPD0
53
I
parallel data input 0
TXPD1
54
I
parallel data input 1
TXPD2
55
I
parallel data input 2
TXPD3
56
I
parallel data input 3
TXPD4
57
I
parallel data input 4
TXPD5
58
I
parallel data input 5
TXPD6
59
I
parallel data input 6
TXPD7
60
I
parallel data input 7
TXPCLK
61
I
transmit parallel clock input
SYNCLKDIV
62
O
transmit byte/nibble clock output (synchronous)
LOCKDET
63
O
lock detect output
19MHZO
64
O
19 MHz reference clock output
SYMBOL
PIN
TYPE(1)
DESCRIPTION


Similar Part No. - TZA3005H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3005H PHILIPS-TZA3005H Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
More results

Similar Description - TZA3005H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
logo
NXP Semiconductors
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com