Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3001U Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TZA3001U
Description  SDH/SONET STM4/OC12 laser drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3001U Datasheet(HTML) 2 Page - NXP Semiconductors

  TZA3001U Datasheet HTML 1Page - NXP Semiconductors TZA3001U Datasheet HTML 2Page - NXP Semiconductors TZA3001U Datasheet HTML 3Page - NXP Semiconductors TZA3001U Datasheet HTML 4Page - NXP Semiconductors TZA3001U Datasheet HTML 5Page - NXP Semiconductors TZA3001U Datasheet HTML 6Page - NXP Semiconductors TZA3001U Datasheet HTML 7Page - NXP Semiconductors TZA3001U Datasheet HTML 8Page - NXP Semiconductors TZA3001U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1999 Aug 24
2
Philips Semiconductors
Preliminary specification
SDH/SONET STM4/OC12 laser drivers
TZA3001AHL; TZA3001BHL;
TZA3001U
FEATURES
• 622 Mbits/s data input, both Current-Mode Logic (CML)
and Positive Emitter Coupled Logic (PECL) compatible;
maximum 800 mV (p-p)
• Adaptive laser output control with dual loop, stabilizing
optical ONE and ZERO levels
• Optional external control of laser modulation and biasing
currents (non-adaptive)
• Automatic laser shutdown
• Few external components required
• Rise and fall times of 120 ps (typical value)
• Jitter <50 mUI (p-p)
• RF output current sinking capability of 60 mA
• Bias current sinking capability of 90 mA
• Power dissipation of 430 mW (typical value)
• Low cost LQFP32 plastic package
• Single 5 V power supply.
TZA3001AHL
• Laser alarm output for signalling extremely low and high
bias current conditions.
TZA3001BHL
• Extra STM4 622 Mbits/s loop mode input; both CML and
PECL compatible.
TZA3001U
• Bare die version with combined bias alarm and loop
mode functionality.
APPLICATIONS
• SDH/SONET STM4/OC12 optical transmission systems
• SDH/SONET STM4/OC12 optical laser modules.
GENERAL DESCRIPTION
The TZA3001AHL, TZA3001BHL and TZA3001U are fully
integrated laser drivers for STM4/OC12 (622 Mbits/s)
systems, incorporating the RF path between the data
multiplexer and the laser diode. Since the dual loop bias
and modulation control circuits are integrated on the IC,
the external component count is low. Only decoupling
capacitors and adjustment resistors are required.
The TZA3001AHL features an alarm function for signalling
extreme bias current conditions. The alarm low and high
threshold levels can be adjusted to suit the application
using only a resistor or a current Digital-to-Analog
Converter (DAC).
The TZA3001BHL is provided with an additional RF data
input to facilitate remote (loop mode) system testing.
The TZA3001U is a bare die version for use in compact
laser module designs. The die contains 40 pads and
features the combined functionality of the TZA3001AHL
and the TZA3001BHL.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TZA3001AHL
LQFP32
plastic low profile quad flat package; 32 leads; body 5
× 5 × 1.4 mm
SOT401-1
TZA3001BHL
TZA3001U
bare die; 2000
× 2000 × 380 µm


Similar Part No. - TZA3001U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3001 PHILIPS-TZA3001 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3001U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3044 PHILIPS-TZA3044 Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
OQ2545HP PHILIPS-OQ2545HP Datasheet
688Kb / 28P
   SDH/SONET STM16/OC48 laser drivers
1999 Aug 24
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com