Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3000U Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TZA3000U
Description  SDH/SONET STM4/OC12 optical receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3000U Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TZA3000U Datasheet HTML 5Page - NXP Semiconductors TZA3000U Datasheet HTML 6Page - NXP Semiconductors TZA3000U Datasheet HTML 7Page - NXP Semiconductors TZA3000U Datasheet HTML 8Page - NXP Semiconductors TZA3000U Datasheet HTML 9Page - NXP Semiconductors TZA3000U Datasheet HTML 10Page - NXP Semiconductors TZA3000U Datasheet HTML 11Page - NXP Semiconductors TZA3000U Datasheet HTML 12Page - NXP Semiconductors TZA3000U Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Oct 17
9
Philips Semiconductors
Objective specification
SDH/SONET STM4/OC12 optical receiver
TZA3000
CHARACTERISTICS
For typical values Tamb =25 °C and VCC = 5 V; minimum and maximum values are valid over the entire ambient
temperature range and process spread.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
3
5
5.5
V
ICCD
digital supply current
note 1
13
20
28
mA
note 2
47
mA
note 3
11
17
24
mA
ICCA
analog supply current
24
36
51
mA
Ptot
total power dissipation
−−
525
mW
Tj
junction temperature
−40
+110
°C
Tamb
ambient temperature
−40
+25
+85
°C
Rtr
small-signal transresistance
of the receiver
measured differentially at
PECL outputs
1800
k
measured differentially at
CML outputs
1100
k
f−3dB(h)
high frequency
−3dB point
pin BWC left
unconnected; note 4
470
MHz
f−3dB(l)
low frequency
−3dB point
20
30
40
kHz
Ii(IPhoto)(p-p) input current on pin IPhoto
(peak-to-peak value)
VCC =5V
−400
+4
+1500
µA
VCC = 3.3 V
−400
+4
+500
µA
Vbias(IPhoto) input bias voltage on pin
IPhoto
720
800
970
mV
In(tot)
total integrated RMS noise
current over bandwidth
(referenced to input)
Ci = 1.2 pF; note 5
∆f = 311 MHz
55
nA
∆f = 450 MHz
80
nA
∆f = 622 MHz
120
nA
PSRR
power supply rejection ratio
at VCC
measured differentially;
note 6
f = 100 kHz to 10 MHz
12
µA/V
f = 10 MHz to 100 MHz
25
µA/V
f = 100 MHz to 1 GHz
5
100
µA/V
∆R
tr/∆t
AGC loop constant
1
dB/ms
PECL outputs: OUTPECL and OUTQPECL
VOL
LOW-level output voltage
50
Ω to VCC − 2V
VCC − 1100 −
VCC − 900
mV
VOH
HIGH-level output voltage
50
Ω to VCC − 2V
VCC − 1840 −
VCC − 1620 mV
VOO
differential output offset
voltage
−10
+10
mV
tr
rise time
20% to 80%
200
300
ps
tf
fall time
80% to 20%
140
250
ps


Similar Part No. - TZA3000U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3001 PHILIPS-TZA3001 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3001BHL PHILIPS-TZA3001BHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3001U PHILIPS-TZA3001U Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3004 PHILIPS-TZA3004 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3000U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3044 PHILIPS-TZA3044 Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com