Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACM-V Datasheet(PDF) 1 Page - TDK Electronics

Part No. ACM-V
Description  Common Mode Filters(SMD) For Power Line
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

ACM-V Datasheet(HTML) 1 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
001-03 / 20061226 / e9713_acm_v.fm
• All specifications are subject to change without notice.
Common Mode Filters(SMD)
For Power Line
ACM-V Series
FEATURES
• Have achieved miniaturization while keeping characteristics by
adoption of exclusive square type closed magnetic cores.
• Due to the low profile design, it is suitable for a surface mount.
• High impedance characteristic has been achieved a superior
effect for common mode noise suppression.
• This products have serialized a large current product up to 8A
corresponding for various DC power lines.
• Operating temperature range has covered widely from –40 to
+125°C.
APPLICATIONS
Common mode noise countermeasures for DC power lines of elec-
tronic control equipment, multi-media equipment for automotives
and various electronic equipment power supply lines.
PACKAGING STYLE AND QUANTITIES
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensional code
(3) Impedance [at 100MHz]
701: 700
(4) Numbers of lines
2PL: 2 lines
(5) Packaging style
TL: ø330mm reel taping
(6) TDK internal code
TEMPERATURE RANGE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM/RECOMMENDED PC BOARD PATTERN
Conformity to RoHS Directive
Packaging style
Type
Quantity
Taping
ACM70V
1500 pieces/reel
ACM90V
800 pieces/reel
ACM12V
500 pieces/reel
ACM
90V - 701 - 2PL - TL - 00
(1)
(2)
(3)
(4)
(5)
(6)
Operating
–40 to +125°C
Type
L
W
T
A
B
C
D
Weight
ACM70V
7.0±0.2
6.0±0.2
3.5max. 1.5±0.2
1.5±0.2
1.5±0.2
4.0typ.
0.35g
ACM90V
9.0±0.2
7.0±0.2
4.5max. 1.5±0.2
2.0±0.2
1.5±0.2
6.0typ.
0.82g
ACM12V
12.0±0.3 11.0±0.3 6.0max. 2.7±0.2
2.5±0.2
2.3±0.2
7.4typ.
2.30g
L
D
CC
Coplanarity: 0.1max.
Dimensions in mm
1
2
4
3
1
2
4
3
• No polarity
b
a
Dimensions in mm
Type
a
b
c
d
ACM70V
9.0
4.0
1.5
3.0
ACM90V
11.0
6.0
1.5
3.5
ACM12V
14.0
7.4
2.7
5.2
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn