Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA1026 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TZA1026
Description  Data amplifier and laser supply circuit for CD audio and video optical systems ADALASAuto
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1026 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TZA1026 Datasheet HTML 5Page - NXP Semiconductors TZA1026 Datasheet HTML 6Page - NXP Semiconductors TZA1026 Datasheet HTML 7Page - NXP Semiconductors TZA1026 Datasheet HTML 8Page - NXP Semiconductors TZA1026 Datasheet HTML 9Page - NXP Semiconductors TZA1026 Datasheet HTML 10Page - NXP Semiconductors TZA1026 Datasheet HTML 11Page - NXP Semiconductors TZA1026 Datasheet HTML 12Page - NXP Semiconductors TZA1026 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Oct 30
9
Philips Semiconductors
Product specification
Data amplifier and laser supply circuit for CD
audio and video optical systems (ADALASAuto)
TZA1026
PSRRRF
RF power supply ripple
rejection
0 to 100 kHz
40
dB
BRF
RF bandwidth
unequalized;
CDRW = LOW or HIGH;
EQSEL = open-circuit
5.7
7
8.6
MHz
Vn(in-band)(rms) in-band noise
(RMS value)
note 4
CDRW = LOW
EQSEL = LOW
2.7
mV
EQSEL = open-circuit
1.2
mV
EQSEL = HIGH
2.9
mV
CDRW = HIGH
EQSEL = LOW
10.5
mV
EQSEL = open-circuit
4
mV
EQSEL = HIGH
11
mV
Laser supply circuit
Vdrop
drop voltage
note 6
0.55
5.5
V
Io(LASER)(max) maximum laser output
current
Vdrop = 0.55 V; note 7
80
−−
mA
Zo(LASER)
laser output impedance
Vdrop = 0.55 V; note 8
Io(LASER) =53mA
500
−Ω
Io(LASER) =20mA
1200
−Ω
Vi(mon)
monitor input voltage
N-substrate diode
0.132
0.150
0.168
V
P-substrate diode
VDD − 0.168
VDD − 0.150 VDD − 0.132
V
Ii(mon)
monitor input current
−200
+200
nA
tsw(on)(LASER)
laser switch-on time
3
ms
RSref
reference supply
rejection
note 9
−−
5%
Vclamp
ALPC clamp voltage
note 10
−−
0.5
V
Control inputs
Zi(pd)
pull-down input
impedance pin CDRW
200
k
Zi(pu)
pull-up input impedance
pin PWRON
200
k
VIL
LOW-level input voltage
pin CDRW
−0.2
1
3VDD
V
pin PWRON
−0.2
1
3VDD
V
pin EQSEL
note 11
−−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TZA1026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1020 PHILIPS-TZA1020 Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020A PHILIPS-TZA1020A Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020HP PHILIPS-TZA1020HP Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020HP/A PHILIPS-TZA1020HP/A Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1022 PHILIPS-TZA1022 Datasheet
459Kb / 14P
   Preamplifier and laser supply for CD/CDRW read-only optical systems (TRICINTA)
1998 Apr 02
More results

Similar Description - TZA1026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1024 PHILIPS-TZA1024 Datasheet
134Kb / 20P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS
1998 Oct 30
TZA1025 PHILIPS-TZA1025 Datasheet
122Kb / 16P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALASLC
1998 Oct 30
TZA1015 PHILIPS-TZA1015 Datasheet
100Kb / 20P
   Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS
1999 Aug 19
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TZA1022 PHILIPS-TZA1022 Datasheet
459Kb / 14P
   Preamplifier and laser supply for CD/CDRW read-only optical systems (TRICINTA)
1998 Apr 02
logo
Rohm
BA3963 ROHM-BA3963 Datasheet
96Kb / 9P
   System power supply for CD player equipped audio systems
BA3950A ROHM-BA3950A Datasheet
103Kb / 8P
   System power supply for CD player equipped audio systems
logo
NXP Semiconductors
TEA7650H PHILIPS-TEA7650H Datasheet
235Kb / 23P
   Video signal processor for CD-video/laser vision
September 1990
logo
Sanyo Semicon Device
LC89581 SANYO-LC89581 Datasheet
162Kb / 10P
   Encoder for CD-ROM and CD-1 Data
LC89583 SANYO-LC89583 Datasheet
272Kb / 15P
   Data Encoder for CD-WO and CD-MO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com