Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA1015T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TZA1015T
Description  Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1015T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TZA1015T Datasheet HTML 3Page - NXP Semiconductors TZA1015T Datasheet HTML 4Page - NXP Semiconductors TZA1015T Datasheet HTML 5Page - NXP Semiconductors TZA1015T Datasheet HTML 6Page - NXP Semiconductors TZA1015T Datasheet HTML 7Page - NXP Semiconductors TZA1015T Datasheet HTML 8Page - NXP Semiconductors TZA1015T Datasheet HTML 9Page - NXP Semiconductors TZA1015T Datasheet HTML 10Page - NXP Semiconductors TZA1015T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Aug 19
7
Philips Semiconductors
Product specification
Data amplifier and laser supply circuit for CD
and read-only optical systems (HDALAS)
TZA1015
LF diode amplifiers
ZCONV
conversion
impedance
central diodes,
D1 to D4
GSE = LOW
40
47
54
k
GSE = HIGH
10.5
12.5
15.0
k
satellite diodes,
S5 and S6
GSE = LOW
75
92
106
k
GSE = HIGH
20.5
24.5
28
k
Io(LF)
output current
range
note 1
central diodes,
O1 to O4
0
12
µA
satellite diodes,
O5 and O6
0
6
µA
VO(LF)
DC output voltage
range central and
satellite diodes
−0.2
VDD(RF,LF) − 2.1 V
Zi
input impedance
central diodes
3.1
pF
satellite diodes
3.1
pF
IOS
channel pair
matching
note 2
central diodes,
O1 to O4
−1
+1
%FS
satellite diodes,
O5 and O6
−2
+2
%FS
B(−3dB)
−3 dB bandwidth
central diodes,
D1 to D4
65
90
115
kHz
satellite diodes,
S5 and S6
65
90
115
kHz
RF amplifier
VO(RFP)
DC output level
RFP
GSE = LOW or
HIGH;
Vi(D1 to D4) =0V
0.25
0.5
0.7
V
VO(RFN)
DC output level
RFN
GSE = LOW or
HIGH;
Vi(D1 to D4) =0V
2.6
3.1
3.4
V
Vo(RF)(dif)
differential RF
output signal
(Vo(RFP) − Vo(RFN))
note 3
2
V
Vo(RF)
single-sided RF
output signal
note 3
1
V
Zo(RF)
RF output
impedance
25
−Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TZA1015T

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TZA10-10 RHOMBUS-IND-TZA10-10 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
TZA10-20 RHOMBUS-IND-TZA10-20 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
TZA10-5 RHOMBUS-IND-TZA10-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
TZA10-7 RHOMBUS-IND-TZA10-7 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
logo
NXP Semiconductors
TZA1000 PHILIPS-TZA1000 Datasheet
132Kb / 24P
   QIC read-write amplifier
1998 Mar 17
More results

Similar Description - TZA1015T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TZA1022 PHILIPS-TZA1022 Datasheet
459Kb / 14P
   Preamplifier and laser supply for CD/CDRW read-only optical systems (TRICINTA)
1998 Apr 02
TZA1026 PHILIPS-TZA1026 Datasheet
134Kb / 20P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALASAuto
1998 Oct 30
TZA1024 PHILIPS-TZA1024 Datasheet
134Kb / 20P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS
1998 Oct 30
TZA1025 PHILIPS-TZA1025 Datasheet
122Kb / 16P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALASLC
1998 Oct 30
logo
Sanyo Semicon Device
LC89581 SANYO-LC89581 Datasheet
162Kb / 10P
   Encoder for CD-ROM and CD-1 Data
LC89583 SANYO-LC89583 Datasheet
272Kb / 15P
   Data Encoder for CD-WO and CD-MO
logo
NXP Semiconductors
SAA7335 PHILIPS-SAA7335 Datasheet
196Kb / 36P
   DSP for CD and DVD-ROM systems
1997 Aug 11
TZA1027 PHILIPS-TZA1027 Datasheet
87Kb / 16P
   Analog current buffer for CD-R and CD-RW systems
1999 Sep 17
logo
Sony Corporation
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com