Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-MGT751 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SSC-MGT751
Description  TOP LED DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MGT751 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SSC-MGT751 Datasheet HTML 3Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 4Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 5Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 6Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 7Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 8Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 9Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 10Page - Seoul Semiconductor SSC-MGT751 Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
9. Reel Packing Structure
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 8/10 -
SSC-MGT722
SSC-QP-7-03-08(REV.07)
XXXXXX
QUANTITY : XXXX
LOT NUMBER : XXXXXXXXXX
PART NUMBER :
Outer Box Structure
1
XXXXXX
SEOUL SEMICONDUCTOR CO., LTD.
a
TOP LED
RoHS
b
ac
XXX
SIDE
245
7inch
220 142
SEOUL SEMICONDUCTOR CO., LTD.
Material : Paper(SW3B(B))
SIZE (mm)
TYPE
b
c
1
QUANTITY : XXXX
LOT NUMBER : XXXXXXXXXX
PART NUMBER :
Reel
Aluminum Vinyl Bag
HUMIDITY INDICATOR
XXX
DESI PAK
XXX
XXXXXX
SEOUL SEMICONDUCTOR CO., LTD.
LOT NUMBER : XXXXXXXXXX
PART NUMBER :
QUANTITY : XXXX


Similar Part No. - SSC-MGT751

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-MGT801 SEOUL-SSC-MGT801 Datasheet
341Kb / 8P
   TOP LED DEVICE
More results

Similar Description - SSC-MGT751

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com