Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-3638B Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IRM-3638B
Description  Infrared Remote-control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-3638B Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IRM-3638B Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-3638B Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 1 of 9
Device No:DMO-036-388
Prepared date:10-22-2005
Prepared by:ChinChia Hsu
Technical Data Sheet
Infrared Remote-control Receiver Module
IRM-36xxB SERIES
Features
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against electrical field disturbance
• TTL and CMOS compatibility
• Output active low
• Low power consumption
• Improved immunity against ambient light
• Suitable burst length
10 cycles/burst
• Pb free
• BiCMOS manufacture IC ; ESD HBM>4000V ; MM>375V
• The product itself will remain within RoHS compliant version.
Descriptions
The IRM-36xxB SERIES are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter. The demodulated output
signal can directly be decoded by a microprocessor.
IRM-36xxB SERIES is the standard IR remote control
receiver series, supporting all major transmission codes.
Applications
Light detecting portion of remote control
AV instruments such as Audio, TV, VCR, CD, MD, etc.
Home appliances such as Air-conditioner, Fan , etc.
The other equipments with wireless remote control.
CATV set top boxes
Multi-media Equipment
PART
MATERIAL
COLOR
Chip
Silicon
---
Compound
Epoxy
Black


Similar Part No. - IRM-3638B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-3638BS28-P EVERLIGHT-IRM-3638BS28-P Datasheet
267Kb / 10P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-3638B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com