Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-MPW104-F1 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SSC-MPW104-F1
Description  CHIP LED DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MPW104-F1 Datasheet(HTML) 5 Page - Seoul Semiconductor

  SSC-MPW104-F1 Datasheet HTML 1Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 2Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 3Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 4Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 5Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 6Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 7Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 8Page - Seoul Semiconductor SSC-MPW104-F1 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5. Soldering profile
Reflow Soldering Conditions/ Profile
(1) Lead Solder
-Preliminary heating to be at 150℃max. for 2 minutes max.
-Soldering heat to be at 240℃max. for 5 seconds max.
Temperature
rise: 5°C/sec.
-5°C/sec.
Cooling:
Pre-heating
Operation heating
60 to 120 sec.
5sec. max
120
150
240
°C
0
(2) Lead-Free Solder
-Preliminary heating to be at 150℃max. for 2 minutes max.
-Soldering heat to be at 260℃max. for 10 seconds max.
120
60 to 120 sec.
0
260
150
°C
Pre-heating
rise: 5°C/sec.
Temperature
Operation heating
-5°C/sec.
Cooling:
5to10 sec.
(3) Hand Solder
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 5/11 -
SSC-MPW104-F1
SSC-QP-0401-06(REV.0)
-Not more than 3 seconds @MAX280℃, under Soldering iron.


Similar Part No. - SSC-MPW104-F1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-MBT6101 SEOUL-SSC-MBT6101 Datasheet
513Kb / 11P
   TOP LED DEVICE
SSC-MBT6102 SEOUL-SSC-MBT6102 Datasheet
513Kb / 11P
   TOP LED DEVICE
SSC-MBT61020 SEOUL-SSC-MBT61020 Datasheet
513Kb / 11P
   TOP LED DEVICE
SSC-MBT61021 SEOUL-SSC-MBT61021 Datasheet
513Kb / 11P
   TOP LED DEVICE
SSC-MBT61022 SEOUL-SSC-MBT61022 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results

Similar Description - SSC-MPW104-F1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com