Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI720Z Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # LI720Z
Description  GREEN OVAL LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LI720Z Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button LI720Z Datasheet HTML 4Page - Seoul Semiconductor LI720Z Datasheet HTML 5Page - Seoul Semiconductor LI720Z Datasheet HTML 6Page - Seoul Semiconductor LI720Z Datasheet HTML 7Page - Seoul Semiconductor LI720Z Datasheet HTML 8Page - Seoul Semiconductor LI720Z Datasheet HTML 9Page - Seoul Semiconductor LI720Z Datasheet HTML 10Page - Seoul Semiconductor LI720Z Datasheet HTML 11Page - Seoul Semiconductor LI720Z Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.2
Document No. : SSC-QP-7-07-24 (Rev.00)
8. Packing
480
27
0
(1bag max/box)
* Inner box
Unit : mm
95
170
* Antistatic poly bag
(35000pcs max/box)
(70boxes max/box)
* Cardboard box
(500pcs max/bag)


Similar Part No. - LI720Z

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI72-20B24 MORNSUN-LI72-20B24 Datasheet
644Kb / 3P
   DIN-RAIL POWER SUPPLIES
logo
Seoul Semiconductor
LI721 SEOUL-LI721 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LI721 SEOUL-LI721 Datasheet
360Kb / 13P
   CYAN LAMP LED
LI721 SEOUL-LI721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LI721 SEOUL-LI721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LI720Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLKGGT6 TTELEC-OVLKGGT6 Datasheet
772Kb / 4P
   Oval Green LED Lamp
OVLJGGD8 TTELEC-OVLJGGD8 Datasheet
653Kb / 4P
   Oval Green LED Lamp (4mm)
logo
OPTEK Technologies
OVLJGGD8 OPTEK-OVLJGGD8 Datasheet
652Kb / 4P
   Oval Green LED Lamp (4mm)
OVLKGGT6 OPTEK-OVLKGGT6 Datasheet
770Kb / 4P
   Oval Green LED Lamp (3mm)
logo
TT Electronics.
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
logo
Marktech Corporate
MT5470A-LWT MARKTECH-MT5470A-LWT_15 Datasheet
247Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
   OVAL LED LAMP
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
   OVAL LED LAMP
BVU-439TT9 BVLED-BVU-439TT9 Datasheet
254Kb / 3P
   OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
   OVAL LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com