Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-MWT801-S Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SSC-MWT801-S
Description  TOP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MWT801-S Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SSC-MWT801-S Datasheet HTML 2Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 3Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 4Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 5Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 6Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 7Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 8Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 9Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 7/10 -
SSC-MWT801-S
SSC-QP-0401-06(REV.11)
8. Packing
7. Outline Dimension
(1) Quantity : 2000pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the
carrier tape at the angle of 10º to the carrier tape
(4) Package : Part No., Manufacturing data Code No. and quantity to be indicated on a damp proof Package
2.8
2.2
0.8
1.9
0.15
Cathode Mark
Anode
Cathode
Recommended Solder Pattern
2.2
1.0±0.1
3.1±0.1
2.0±0.05
4.0±0.1
1.55 ± 0.05
0.22±0.05
2.22±0.1
0.2
2.0 ±
30°
-3
+0
±0.2
LABLE
11.4
0.3
9.0 ±
±0.1
180
13
10
22
( Tolerance: ±0.2, Unit: mm )
( Tolerance: ±0.2, Unit: mm )


Similar Part No. - SSC-MWT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
More results

Similar Description - SSC-MWT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com