Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM11DINAV81X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EM11DINAV81X
Description  Energy Management Energy Analyzer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM11DINAV81X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EM11DINAV81X Datasheet HTML 1Page - List of Unclassifed Manufacturers EM11DINAV81X Datasheet HTML 2Page - List of Unclassifed Manufacturers EM11DINAV81X Datasheet HTML 3Page - List of Unclassifed Manufacturers EM11DINAV81X Datasheet HTML 4Page - List of Unclassifed Manufacturers EM11DINAV81X Datasheet HTML 5Page - List of Unclassifed Manufacturers EM11DINAV81X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice
EM11DINDS200906
3
EM11 DIN
Password
Numeric code of max. 4
digits; 2 protection levels
of the programming data:
1st level
Password “0”, no protec-
tion;
2nd level
Password from 1 to 9999,
all data are protected
Displaying
1 variable per page (See
«Measuring variables and
Min. Max. indications»)
Reset
By means of the front
key-pad:
- W dmd max;
- energies: kWh, kvarh
Software functions
Surge
On current and voltage
measuring input circuits:
4kV;
Radio frequency suppression
According to CISPR 22
Standard compliance
Safety
IEC60664, IEC61010-1
EN60664, EN61010-1
EN62052-11
Metrology
EN62053-21, EN62053-23.
MID ”annex MI-003”
Pulse output
DIN43864, IEC62053-31
Approvals
CE, PTB (Revenue
Approvals)
Connections
Screw-type
Cable cross-section area
Min. 2.5 mm2, Max. 10 mm2
(measuring inputs);
Other terminals: 1.5 mm2
Min./Max. screws tighten-
ing torque: 1 Nm / 4 Nm
DIN Housing
Dimensions (WxHxD)
17.5 (+0.5 -0) x 90 x 67.5 mm
Material
Nylon PA66,
self-extinguishing: UL 94 V-0
Mounting
DIN-rail
Protection degree
Front
IP40
Screw terminals
IP20
Weight
Approx. 100 g (packing
included)
Operating temperature
-25°C to +55°C (13°F to
131°F) (R.H. from 0 to 90%
non-condensing @ 40°C)
according to EN62053-21
and EN62053-23
Storage temperature
-30°C to +70°C (22°F to
140°F) (R.H. < 90% non-
condensing @ 40°C)
according to EN62053-21
and EN62053-23
Installation category
Cat. III (IEC60664,
EN60664)
Insulation (for 1 minute)
4000 VRMS between mea-
suring inputs and digital
output (O1 and R1).
Dielectric strength
4000 VRMS for 1 minute
CMRR Noise rejection
100 dB, 48 to 62 Hz
EMC
According to EN62052-11
Electrostatic discharges
8kV air discharge;
Immunity to irradiated
electromagnetic fields
Test with applied current:
10V/m from 80 to 2000MHz;
Test without any applied
current: 30V/m from 80 to
2000MHz;
Burst
On current and voltage
measuring input circuits:
4kV
Immunity to conducted
disturbances
10V/m from 150KHz to
80MHz
General specifications
Self supplied version
120VLN, 230 VLN (-20%
+20%) 48-62Hz
Power consumption
≤ 3VA
Power supply specifications


Similar Part No. - EM11DINAV81X

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
EM110-DINAV81XO1PFB CARLOGAVAZZI-EM110-DINAV81XO1PFB Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1101J EXCELLIANCE-EM1101J Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
More results

Similar Description - EM11DINAV81X

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
Carlo Gavazzi Holding A...
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
   Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
   Energy Management Energy Transducer Type ET340
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com