Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPS-24S8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FCPS-24S8
Description  6-Amp and 8-Amp 24-Volt Remote Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCPS-24S8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCPS-24S8 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCPS-24S8 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCPS-24S8 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DN-6927 • 07/20/04 — Page 1 of 3
GENERAL
The FCPS-24S6 (6-amp) and FCPS-24S8 (8-amp) are com-
pact, cost-effective remote power supplies with battery charger.
The FCPS-24S6/-24S8 may be connected to any 12- or 24-
volt Fire Alarm Control Panel (FACP) or may be used as a
stand-alone supply. Primary applications include Notification
Appliance (bell) Circuit (NAC) expansion (to support ADA re-
quirements and NAC synchronization) or auxiliary power to
support 24-volt system accessories. The FCPS-24S6/-24S8
provides regulated and filtered 24 VDC power to four notifi-
cation appliance circuits configured as either four Class B (Style
Y) or Class A (Style Z, with ZNAC-4 option module). Alter-
nately, the four outputs may be configured as all non-resettable,
all resettable, or two non-resettable and two resettable. The
FCPS-24S6/-24S8 also contains a battery charger capable of
charging up to 18 AH batteries.
FEATURES
• UL-Listed NAC synchronization using System Sensor,
Wheelock, or Gentex “Commander²” appliances.
• Cascadable for up to ten power supplies (four for Gentex)
with strobe timing maintained.
• Operates as a “sync follower” or as a “sync generator” (de-
fault). See note on page 2.
• Contains two fully-isolated input/control circuits — triggered
from FACP NAC (NAC expander mode) or jumpered per-
manently “ON” (stand-alone mode).
• Four Class B (Style Y) or four Class A (Style Z, with ZNAC-4
module) NACs.
• 6-amp (FCPS-24S6) or 8-amp (FCPS-24S8) full load output,
with 3 amps maximum/circuit, in NAC expander mode (UL 864).
• 4-amp (FCPS-24S6) or 6-amp (FCPS-24S8) continuous out-
put in stand-alone mode (UL 1481).
• Compatible with coded inputs; signals passed through.
• Optional power-supervision relay (A77-716B).
• In stand-alone mode, output power circuits may be config-
ured as: resettable (reset line from FACP required), non-
resettable, or a mix of two and two.
• Fully regulated and filtered power output — optimal for pow-
ering four-wire smoke detectors, annunciators, and other
system peripherals requiring regulated/filtered power.
• Power-limiting technology meets UL power-limiting require-
ments.
• Form-C normally-closed trouble relay.
• Fully supervised power supply, battery, and NACs.
• Selectable earth fault detection.
• AC trouble report selectable for immediate or 8-hour delay.
• Works with virtually any UL 864 fire alarm control which uti-
lizes an industry-standard reverse-polarity notification cir-
cuit (including unfiltered and unregulated bell power).
• Requires input trigger voltage of 9.0 – 32 VDC.
• Self-contained in compact, locking cabinet — 15" (38.1 cm)
high x 14.5" (36.83 cm) wide x 2.75" (6.985 cm) deep.
• Includes integral battery charger capable of charging up to 18
AH batteries. Cabinet capable of housing 7.0 AH batteries.
FCPS-24S6 and FCPS-24S8
6-Amp and 8-Amp
24-Volt Remote Power Supplies
July 20, 2004
Section: Power Supplies
DN-6927 • E-30
S635
• Battery charger may be disabled via DIP switch for applica-
tions requiring larger batteries.
• Fixed, clamp-type terminal blocks accommodate up to 12
AWG (3.1 mm²) wire.
STANDARDS and CODES
The FCPS-24S6/-24S8 complies with the following standards:
• NFPA 72 National Fire Alarm Code.
• UL 864 Standard for Control Units for Fire Alarm Systems
(NAC expander mode).
• UL 1481 Power Supplies for Fire Alarm Systems (stand-
alone mode).
SPECIFICATIONS
Primary (AC) power:
• FCPS-24S6/-24S8: 120 VAC, 60 Hz, 3.2 A maximum.
• Wire size: minimum #14 AWG (2.0 mm²) with 600 V insulation.
Control input circuit:
• Trigger input voltage: 9 to 32 VDC.
• Trigger current: 2.0 mA (16 – 32 V). Per input: 1.0 mA (9 –
16 V).
Trouble contact rating: 5 amps at 24 VDC.
This document is not intended to be used for installation purposes. We try to keep our
product information up-to-date and accurate. We cannot cover all specific applications
or anticipate all requirements. All specifications are subject to change without notice.
For more information, contact NOTIFIER. Phone: (203) 484-7161 FAX: (203) 484-7118
12 Clintonville Road, Northford, Connecticut 06472
NOTIFIER® is a Honeywell company.
California
State Fire
Marshal
7315-0028:225
MEA
299-02-E


Similar Part No. - FCPS-24S8

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FCPS-24S6RB GAMEWELL-FCI-FCPS-24S6RB Datasheet
94Kb / 2P
   Power Supplies with Battery Chargers
More results

Similar Description - FCPS-24S8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCPS-24F ETC1-FCPS-24F Datasheet
573Kb / 3P
   24 Volt, 6 Amp Remote Power Supply
logo
ON Semiconductor
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
logo
List of Unclassifed Man...
FCPS-2404 ETC1-FCPS-2404 Datasheet
329Kb / 3P
   24 Volt, 4 Amp NAC Power Expander
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
   8 Volt, 24 Amp Full-Function Active ORing Solution
logo
ON Semiconductor
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
logo
Coolgear Inc.
FJ-2025 COOLGEAR-FJ-2025 Datasheet
347Kb / 2P
   12 Volt – 6 Amp DC Barrel Switching Power Supply
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
DIOTEC Electronics Corp...
TVS6024PFC DEC-TVS6024PFC Datasheet
58Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L_01 Datasheet
488Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
DIOTEC Electronics Corp...
TPFD-5024-1A DEC-TPFD-5024-1A Datasheet
32Kb / 1P
   50 AMP 24 VOLT PRESS FIT TVS DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com