Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT770D Datasheet(PDF) 2 Page - Seoul Semiconductor

Part No. LT770D
Description  GREEN OVAL LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LT770D Datasheet(HTML) 2 Page - Seoul Semiconductor

  LT770D Datasheet HTML 1Page - Seoul Semiconductor LT770D Datasheet HTML 2Page - Seoul Semiconductor LT770D Datasheet HTML 3Page - Seoul Semiconductor LT770D Datasheet HTML 4Page - Seoul Semiconductor LT770D Datasheet HTML 5Page - Seoul Semiconductor LT770D Datasheet HTML 6Page - Seoul Semiconductor LT770D Datasheet HTML 7Page - Seoul Semiconductor LT770D Datasheet HTML 8Page - Seoul Semiconductor LT770D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.2
Document No. : SSC-QP-7-07-24 (Rev.00)
Contents
1. Features
2. Absolute Maximum Ratings
3. Electric-Optical Characteristics
4. Reliability Tests
5. Characteristic Diagrams
6. Color & Binning
7. Outline Dimensions
8. Packing
9. Soldering
10. Precaution for use


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
L1619 OVAL BI-COLOR LED LAMP 1  2  3  Kingbright Corporation
LC503NPG1-30Q 30 Degree 5mm LED Lamp in Pure Green Color with Water Transparent Lens and No Stopper 1  2  3  List of Unclassifed Manufacturers
NTE30101 LED Dual Color 3mm Yellow/Yellow Green 1  2  NTE Electronics
APTB1612ESGC 1.6x1.25mm BI-COLOR SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APK3020SURCK SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APA1606VGC 1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APA2106YC 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3020CGCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
APTD3216MBC 3.2 x 1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APTF3216PBAVGASUK 3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  More Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn