Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSA5059A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TSA5059A
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TSA5059A Datasheet HTML 2Page - NXP Semiconductors TSA5059A Datasheet HTML 3Page - NXP Semiconductors TSA5059A Datasheet HTML 4Page - NXP Semiconductors TSA5059A Datasheet HTML 5Page - NXP Semiconductors TSA5059A Datasheet HTML 6Page - NXP Semiconductors TSA5059A Datasheet HTML 7Page - NXP Semiconductors TSA5059A Datasheet HTML 8Page - NXP Semiconductors TSA5059A Datasheet HTML 9Page - NXP Semiconductors TSA5059A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2000 Oct 24
6
Philips Semiconductors
Product specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059A
To be able to have more than one synthesizer in an
I2C-bus system, one of four possible addresses is selected
depending on the voltage applied at pin AS (see Table 3).
The TSA5059A fulfils the fast mode I2C-bus, according to
the Philips I2C-bus specification. The I2C-bus interface is
designed in such a way that pins SCL and SDA can be
connected either to 5 or 3.3 V pulled-up I2C-bus lines,
allowing the PLL synthesizer to be connected directly to
the bus lines of a 3.3 V microcontroller.
WRITE mode: R/W=0
After the address transmission (first byte), data bytes can
be sent to the device (see Table 1). Four data bytes are
needed to fully program the TSA5059A. The bus
transceiver has an auto-increment facility that permits
programming of the TSA5059A within one single
transmission (address + 4 data bytes).
The TSA5059A can also be partly programmed on the
condition that the first data byte following the address is
byte 2 or 4. The meaning of the bits in the data bytes is
given in Table 1. The first bit of the first data byte
transmitted indicates whether byte 2 (first bit is logic 0) or
byte 4 (first bit is logic 1) will follow. Until an I2C-bus STOP
condition is sent by the controller, additional data bytes
can be entered without the need to re-address the device.
To allow a smooth frequency sweep for fine tuning, and
while the data of the dividing ratio of the main divider is in
data bytes 2, 3 and 4, it is necessary for changing the
frequency to send the data bytes 2 to 5 in a repeated
sending, or to finish an incomplete transmission by a
STOP condition. Repeated sending of data bytes 2 and 3
without ending the transmission does not change the
dividing ratio. To illustrate, the following data sequences
will change the dividing ratio:
• Bytes 2, 3, 4 and 5
• Bytes 4, 5, 2 and 3
• Bytes 2, 3, 4 and STOP
• Bytes 4, 5, 2 and STOP
• Bytes 2, 3 and STOP
• Bytes 2 and STOP
• Bytes 4 and STOP.
Table 1
Write data format
BYTE
DESCRIPTION
MSB
LSB
CONTROL BIT
1
address
11000
MA1
MA0
0
A
2
programmable divider
0
N14
N13
N12
N11
N10
N9
N8
A
3
programmable divider
N7
N6
N5
N4
N3
N2
N1
N0
A
4
control data
1
N16
N15
PE
R3
R2
R1
R0
A
5
control data
C1
C0
XCE
XCS
P3
P2/T2
P1/T1
P0/T0
A


Similar Part No. - TSA5059A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059T PHILIPS-TSA5059T Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059TS PHILIPS-TSA5059TS Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
More results

Similar Description - TSA5059A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com