Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC30F5015 Datasheet(PDF) 15 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-Bit Digital Signal Controllers
Download  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 15 Page - Microchip Technology

Back Button DSPIC30F5015_07 Datasheet HTML 11Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 12Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 13Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 14Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 15Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 16Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 17Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 18Page - Microchip Technology DSPIC30F5015_07 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 230 page
background image
© 2007 Microchip Technology Inc.
DS70149C-page 13
dsPIC30F5015/5016
MCLR
I/P
ST
Master Clear (Reset) input or programming voltage input. This pin is an active-
low Reset to the device.
OCFA
OCFB
OC1-OC4
I
I
O
ST
ST
Compare Fault A input (for Compare channels 1, 2, 3 and 4).
Compare Fault B input (for Compare channels 5, 6, 7 and 8).
Compare outputs 1 through 4.
OSC1
OSC2
I
I/O
ST/CMOS
Oscillator crystal input. ST buffer when configured in RC mode; CMOS
otherwise.
Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in RC and EC modes.
PGD
PGC
I/O
I
ST
ST
In-Circuit Serial Programming™ data input/output pin.
In-Circuit Serial Programming clock input pin.
RA9-RA10
RA14-RA15
I/O
I/O
ST
ST
PORTA is a bidirectional I/O port.
RB0-RB15
I/O
ST
PORTB is a bidirectional I/O port.
RC1
RC3
RC13-RC15
I/O
I/O
I/O
ST
ST
ST
PORTC is a bidirectional I/O port.
RD0-RD15
I/O
ST
PORTD is a bidirectional I/O port.
RE0-RE9
I/O
ST
PORTE is a bidirectional I/O port.
RF0-RF8
I/O
ST
PORTF is a bidirectional I/O port.
RG0-RG3
RG6-RG9
I/O
I/O
ST
ST
PORTG is a bidirectional I/O port.
SCK1
SDI1
SDO1
SS1
SCK2
SDI2
SDO2
SS2
I/O
I
O
I
I/O
I
O
I
ST
ST
ST
ST
ST
ST
Synchronous serial clock input/output for SPI #1.
SPI #1 Data In.
SPI #1 Data Out.
SPI #1 Slave Synchronization.
Synchronous serial clock input/output for SPI #2.
SPI #2 Data In.
SPI #2 Data Out.
SPI #2 Slave Synchronization.
SCL
SDA
I/O
I/O
ST
ST
Synchronous serial clock input/output for I2C™.
Synchronous serial data input/output for I2C.
SOSCO
SOSCI
O
I
ST/CMOS
32 kHz low-power oscillator crystal output.
32 kHz low-power oscillator crystal input. ST buffer when configured in RC
mode; CMOS otherwise.
T1CK
T2CK
T4CK
I
I
I
ST
ST
ST
Timer1 external clock input.
Timer2 external clock input.
Timer4 external clock input.
U1RX
U1TX
I
O
ST
UART1 Receive.
UART1 Transmit.
VDD
P
Positive supply for logic and I/O pins.
VSS
P
Ground reference for logic and I/O pins.
VREF+
I
Analog
Analog Voltage Reference (High) input.
VREF-
I
Analog
Analog Voltage Reference (Low) input.
TABLE 1-2:
I/O PIN DESCRIPTIONS FOR dsPIC30F5016 (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
ST
= Schmitt Trigger input with CMOS levels
O
= Output
I
= Input
P
= Power


Similar Part No. - DSPIC30F5015_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F5015-30I MICROCHIP-DSPIC30F5015-30I Datasheet
3Mb / 234P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC30F5015AT-20I/PF MICROCHIP-DSPIC30F5015AT-20I/PF Datasheet
3Mb / 232P
   High-Performance, 16-Bit Digital Signal Controllers
2008
DSPIC30F5015AT-30I/PF MICROCHIP-DSPIC30F5015AT-30I/PF Datasheet
3Mb / 232P
   High-Performance, 16-Bit Digital Signal Controllers
2008
DSPIC30F5015BT-20I/PF MICROCHIP-DSPIC30F5015BT-20I/PF Datasheet
3Mb / 232P
   High-Performance, 16-Bit Digital Signal Controllers
2008
DSPIC30F5015BT-30I/PF MICROCHIP-DSPIC30F5015BT-30I/PF Datasheet
3Mb / 232P
   High-Performance, 16-Bit Digital Signal Controllers
2008
More results

Similar Description - DSPIC30F5015_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com