Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8M64 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 5 Page - Sharp Corporation

  LM8M64 Datasheet HTML 1Page - Sharp Corporation LM8M64 Datasheet HTML 2Page - Sharp Corporation LM8M64 Datasheet HTML 3Page - Sharp Corporation LM8M64 Datasheet HTML 4Page - Sharp Corporation LM8M64 Datasheet HTML 5Page - Sharp Corporation LM8M64 Datasheet HTML 6Page - Sharp Corporation LM8M64 Datasheet HTML 7Page - Sharp Corporation LM8M64 Datasheet HTML 8Page - Sharp Corporation LM8M64 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
1111
Precautions
1) Industrial(Mechanical) design of the product in which this LCD module will be incorporated must be made
so that the viewing angle characteristics of the LCD may be optimized.
This module’s viewing angle is illustrated in Fig.1.
θ
y MIN. < viewing angle <θy MAX.
(For the specific values ofθy MIN., andθy MAX., refer to the table9 )
Please consider the optimum viewing conditions according to the purpose when installing the module.
Fig.1 Definition of viewing angle
2)
When installing the module, pay attention and handle carefully not to allow any undue stress such as twist
or
bend.
3) Since the front polarizer is easily damaged. Please pay attention not to scratch on its face.
It is recommended to use a transparent acrylic resin board or other type of protective panel on the surface
of the LCD module to protect the polarizer, LCD panel, etc..
4) If the surface of the LCD panel is required to be cleaned, wipe it swiftly with cotton or other soft cloth. If
it is not still clear completely, blow on and wipe it.
5) Water droplets, etc. must be wiped off immediately since they may cause color changes, staining, etc., if
it remained for a long time.
6) Since LCD is made of glass substrate, dropping the module or banging it against hard objects may cause
cracking or fragmentation.
7) Since CMOS LSIs are equipped in this module, following countermeasures must be taken to avoid
electrostatics charge.
Panel surface
Viewing direction +θy
θ
y=0 °(Normal line)
y


Similar Part No. - LM8M64

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM8M64 SHARP-LM8M64 Datasheet
59Kb / 1P
   Color STN LCD Module
More results

Similar Description - LM8M64

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
   Color STN-LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM64C350 SHARP-LM64C350 Datasheet
65Kb / 1P
   Color STN LCD Module
LM9V381 SHARP-LM9V381 Datasheet
50Kb / 1P
   Color STN-LCD Module
LM10V33 SHARP-LM10V33 Datasheet
46Kb / 1P
   Color STN LCD Module
LM12S48 SHARP-LM12S48 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM15X11 SHARP-LM15X11 Datasheet
75Kb / 1P
   Color STN-LCD Module
LM10V332 SHARP-LM10V332 Datasheet
109Kb / 1P
   Color STN-LCD Module
LM12S44 SHARP-LM12S44 Datasheet
72Kb / 1P
   Color STN-LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com