Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC546A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC546A
Description  NPN general purpose transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC546A Datasheet(HTML) 4 Page - NXP Semiconductors

  BC546A Datasheet HTML 1Page - NXP Semiconductors BC546A Datasheet HTML 2Page - NXP Semiconductors BC546A Datasheet HTML 3Page - NXP Semiconductors BC546A Datasheet HTML 4Page - NXP Semiconductors BC546A Datasheet HTML 5Page - NXP Semiconductors BC546A Datasheet HTML 6Page - NXP Semiconductors BC546A Datasheet HTML 7Page - NXP Semiconductors BC546A Datasheet HTML 8Page - NXP Semiconductors BC546A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Nov 25
4
Philips Semiconductors
Product specification
NPN general purpose transistors
BC546; BC547
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Notes
1. VBEsat decreases by about 1.7 mV/K with increasing temperature.
2. VBE decreases by about 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 30 V; IE =0 A
−−
15
nA
VCB = 30 V; IE = 0 A; Tj = 150 °C
−−
5
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0 A
−−
100
nA
hFE
DC current gain
VCE =5V; IC =10 µA;
see Figs 2, 3 and 4
BC546A
90
BC546B; BC547B
150
BC547C
270
DC current gain
VCE =5V; IC = 2 mA;
see Figs 2, 3 and 4
BC546A
110
180
220
BC546B; BC547B
200
290
450
BC547C
420
520
800
BC547
110
800
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB =5mA
200
600
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 1
700
mV
IC = 100 mA; IB = 5 mA; note 1
900
mV
VBE
base-emitter voltage
VCE =5V; IC = 2 mA; note 2
580
660
700
mV
VCE =5V; IC =10mA
−−
770
mV
Cc
collector capacitance
VCB = 10 V; IE =ie = 0 A; f = 1 MHz −
1.5
pF
Ce
emitter capacitance
VEB = 0.5 V; IC =ic = 0 A;
f = 1 MHz
11
pF
fT
transition frequency
VCE =5V; IC = 10mA; f = 100 MHz 100
−−
MHz
F
noise figure
VCE =5V; IC = 200 µA; RS =2kΩ;
f = 1 kHz; B = 200 Hz
210
dB


Similar Part No. - BC546A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC546A PHILIPS-BC546A Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Continental Device Indi...
BC546A CDIL-BC546A Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BC546A SIEMENS-BC546A Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Taiwan Semiconductor Co...
BC546A TSC-BC546A Datasheet
253Kb / 5P
   NPN Transistor
logo
Diotec Semiconductor
BC546A DIOTEC-BC546A Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

Similar Description - BC546A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com