Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWY-TJS-U2 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DWY-TJS-U2
Description  Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWY-TJS-U2 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DWY-TJS-U2 Datasheet HTML 1Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 2Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 3Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 4Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 5Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 6Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 7Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 8Page - DOMINANT Semiconductors DWY-TJS-U2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Relative Intensity Vs Forward Current
Forward Current, mA
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Current Vs Forward Voltage
Forward Voltage, V
1.5
2
2.5
3
0
10
20
30
40
50
60
70
Maximum Current Vs Ambient Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
Relative Intensity Vs Wavelength
Wavelength, nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity vs Wavelength
Wavelength, nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Electrical Characteristics at Ta=25˚C
29/09/2005 V8.0
5
AlInGaP : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Radiation Pattern
AS AllnGaP
TS AllnGaP
Pure
Green
Yellow
Amber
Orange
Red
Super Red


Similar Part No. - DWY-TJS-U2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWY-TJS-UV2-1 DOMINANT-DWY-TJS-UV2-1 Datasheet
1Mb / 13P
   Power DomiLED
More results

Similar Description - DWY-TJS-U2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com