Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE7221BA1-E Datasheet(PDF) 17 Page - Intel Corporation

Part # SE7221BA1-E
Description  Tested Hardware and Operating System List
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SE7221BA1-E Datasheet(HTML) 17 Page - Intel Corporation

Back Button SE7221BA1-E Datasheet HTML 13Page - Intel Corporation SE7221BA1-E Datasheet HTML 14Page - Intel Corporation SE7221BA1-E Datasheet HTML 15Page - Intel Corporation SE7221BA1-E Datasheet HTML 16Page - Intel Corporation SE7221BA1-E Datasheet HTML 17Page - Intel Corporation SE7221BA1-E Datasheet HTML 18Page - Intel Corporation SE7221BA1-E Datasheet HTML 19Page - Intel Corporation SE7221BA1-E Datasheet HTML 20Page - Intel Corporation SE7221BA1-E Datasheet HTML 21Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Intel® Server Board SE7221BA1-E
Adapters and Peripherals
Revision 1.6
13
Manufacturer
Model
Number
Model
Name
Interface
Comments
SAMSUNG
SD-
816BRPS
SD-
816BRPS
IDE
1
Sony
DRU-510A
DRU-
510A
ATA33
1
1
1
1
TOSHIBA
SD-M1712
SD-
M1712
ATA33
1
1
1
1
PIONEER
DVD-305S
DVD-
305S
SCSI-N
1
1
1
1
Sony
DRU-510A
DRU-
510A
ATA33
2
2
2
2
Sony
DRX-510UL
DRX-
510UL
USB2.0
1
1
1
1
4.14
Tape
Drives
SONY*
SDX-
700C/BM
AIT-3
Desktop
SCSI-U160
1
1
1
2
2
2
2
1
Sony
SDX-250V
AITE(20G
B) SCSI
Tape
Drive
SCSI
IHVT, completed with
Adaptec ASC-29160N -
PCI
1
Sony
SDX-260V
AITE(20G
B) ATAPI
Tape
Drive
ATAPI
IHVT
1
Sony
SDX-450V
AIT1T(40
GB) SCSI
Tape
Drive
SCSI
IHVT, completed with
Adaptec ASC-29160N -
PC
1
Sony
SDX-460V
AIT1T(40
GB)
ATAPI
Tape
Drive
ATAPI
IHVT
1
Sony
SDX-550V
AIT2T(80
GB) SCSI
Tape
Drive
SCSI
IHVT, completed with
Adaptec ASC-29160N -
PC
1
Sony
SDX-560V
AIT2T(80
GB)
ATAPI
Tape
Drive
ATAPI
IHVT
1


Similar Part No. - SE7221BA1-E

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SE7210TP1-E INTEL-SE7210TP1-E Datasheet
2Mb / 145P
   Intel짰 Server Board Technical Product Specification
SE7230CA1-E INTEL-SE7230CA1-E Datasheet
796Kb / 83P
   Entry Server Board
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-EK1 SIGE-SE7261A-EK1 Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-R SIGE-SE7261A-R Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
More results

Similar Description - SE7221BA1-E

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Intel Corporation
80130 INTEL-80130 Datasheet
1Mb / 22P
   OPERATING SYSTEM PROCESSOR
logo
Maxim Integrated Produc...
MAX31914EVKIT MAXIM-MAX31914EVKIT Datasheet
1Mb / 10P
   Fully Assembled and Tested
19-6780; Rev 1; 5/15
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
   Fully Assembled and Tested
Rev 0; 10/09
MAX20326EVKIT MAXIM-MAX20326EVKIT Datasheet
592Kb / 6P
   Fully Assembled and Tested
Rev 0; 7/17
MAX20310EVKIT MAXIM-MAX20310EVKIT Datasheet
589Kb / 7P
   Fully Assembled and Tested
Rev 0; 1/17
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
   Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
   Fully Assembled and Tested
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com