Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSB-SSS-P1 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # DSB-SSS-P1
Description  Right Angle LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSB-SSS-P1 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button DSB-SSS-P1 Datasheet HTML 4Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 5Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 6Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 7Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 8Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 9Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 10Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 11Page - DOMINANT Semiconductors DSB-SSS-P1 Datasheet HTML 12Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
03/04/2006 V7.0
11
Recommended Sn-Pb IR-Reflow Soldering Profile
275
250
225
200
175
150
125
100
75
50
25
0
50
100
150
200
183˚C
Ramp-up
3˚C/sec max.
235-240˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-120s
360s max
Time (sec)
Classification Reflow Profile (JEDEC J-STD-020C)
0
50
100
150
200
300
250
225
200
175
150
125
100
75
50
25
275
Classification Reflow Profile (JEDEC J-STD-020C)
Ramp-up
3˚C/sec max.
255-260˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-180s
480s max
217˚C
Recommended Pb-free Soldering Profile
InGaN : DSx-xSx
DOMINANT TM
Semiconductors
Innovating Illumination


Similar Part No. - DSB-SSS-P1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSB-SSS-PQ2-1 DOMINANT-DSB-SSS-PQ2-1 Datasheet
1Mb / 14P
   Right Angle DomiLED
More results

Similar Description - DSB-SSS-P1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSS-SSS-PQ2-1 DOMINANT-DSS-SSS-PQ2-1 Datasheet
535Kb / 13P
   Right Angle LED
logo
Micro Electronics
L72CB-1XXA MICRO-ELECTRONICS-L72CB-1XXA Datasheet
92Kb / 2P
   RIGHT ANGLE LED LAMPS
logo
Visual Communications C...
5635 VCC-5635 Datasheet
78Kb / 1P
   Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5636D1 CML-5636D1 Datasheet
24Kb / 1P
   Right Angle LED Assembly
logo
Visual Communications C...
5636 VCC-5636 Datasheet
88Kb / 1P
   Right Angle LED Assembly
logo
Micro Electronics
L72CB-1G1YDA MICRO-ELECTRONICS-L72CB-1G1YDA Datasheet
102Kb / 2P
   RIGHT ANGLE LED LAMPS
L72CB-1Y1GDA MICRO-ELECTRONICS-L72CB-1Y1GDA Datasheet
72Kb / 2P
   RIGHT ANGLE LED LAMPS
L72CB MICRO-ELECTRONICS-L72CB Datasheet
110Kb / 2P
   RIGHT ANGLE LED LAMPS
logo
STANLEY ELECTRIC CO.,LT...
HKW1145LT STANLEY-HKW1145LT Datasheet
371Kb / 17P
   Right Angle Type White LED
logo
Kingbright Corporation
WP1533BQ-SRD KINGBRIGHT-WP1533BQ-SRD Datasheet
124Kb / 4P
   4.7mm RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com