Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPB-USS-Y2 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # NPB-USS-Y2
Description  SPNovaLED InGaN Blue : 1 Watt
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPB-USS-Y2 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button NPB-USS-Y2 Datasheet HTML 5Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 6Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 7Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 8Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 9Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 10Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 11Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 12Page - DOMINANT Semiconductors NPB-USS-Y2 Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
24/08/2006 V2.0
11
Recommended Sn-Pb IR-Reflow Soldering Profile
275
250
225
200
175
150
125
100
75
50
25
0
50
100
150
200
183˚C
Ramp-up
3˚C/sec max.
235-240˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-120s
360s max
Time (sec)
Classification Reflow Profile (JEDEC J-STD-020C)
0
50
100
150
200
300
250
225
200
175
150
125
100
75
50
25
275
Classification Reflow Profile (JEDEC J-STD-020C)
Ramp-up
3˚C/sec max.
255-260˚C
10-30s
60-150s
Ramp-
down
6˚C/sec
max.
Preheat 60-180s
480s max
217˚C
Recommended Pb-free Soldering Profile
SPNovaLED InGaN Blue : 1 Watt
DOMINANT TM
Semiconductors
Innovating Illumination


Similar Part No. - NPB-USS-Y2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPB-120 MEANWELL-NPB-120 Datasheet
961Kb / 6P
   120W Compact Size and Wide Output Range Charger
NPB-120 MEANWELL-NPB-120 Datasheet
496Kb / 7P
   120W Compact Size and Wide Output Range Charger
2022-08-31
NPB-120-12 MEANWELL-NPB-120-12 Datasheet
496Kb / 7P
   120W Compact Size and Wide Output Range Charger
2022-08-31
NPB-120-12AD1 MEANWELL-NPB-120-12AD1 Datasheet
961Kb / 6P
   120W Compact Size and Wide Output Range Charger
NPB-120-12AD1 MEANWELL-NPB-120-12AD1 Datasheet
496Kb / 7P
   120W Compact Size and Wide Output Range Charger
2022-08-31
More results

Similar Description - NPB-USS-Y2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
   SPNovaLED InGaN Cyan : 1 Watt
NPT-USS-ADE-1 DOMINANT-NPT-USS-ADE-1 Datasheet
584Kb / 13P
   SPNovaLED InGaN True Green :1 Watt
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
   SPNovaLED InGaN : 50mA
NPR-MSS-AAB-1 DOMINANT-NPR-MSS-AAB-1 Datasheet
492Kb / 12P
   AlInGaP : SPNovaLED-1 Watt (400mA)
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN White High Lumens : 350 mA
NPF-TSD-ABD-1 DOMINANT-NPF-TSD-ABD-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN Warm White High Lumens : 350 mA
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
   AlInGaP : SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com