Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-TSD-AD Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # NPF-TSD-AD
Description  SPNovaLED InGaN Warm White High Lumens : 350 mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPF-TSD-AD Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button NPF-TSD-AD Datasheet HTML 2Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 3Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 4Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 5Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 6Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 7Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 8Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 9Page - DOMINANT Semiconductors NPF-TSD-AD Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Radiation Pattern
InGaN Warm White High Lumens : 350 mA
DOMINANT TM
Semiconductors
Innovating Illumination
13/09/2006 V1.0
6
0 o
10 o
70 o
60 o
50 o
40 o
30 o
20 o
90 o
80 o
0.6
0.8
1.0
0.2
0.4
0
Maximum Permissible Pulse Current, Ta=25
Duty (%); Tp<=0.01 sec
1
10
100
200
300
400
500
600
700
800
900
1000
Maximum Permissible Pulse Current, Ta=25
Duty (%); Tp<=0.01 sec
1
10
100
200
300
400
500
600
700
800
900
1000
Maximum Permissible Pulse Current, Ta=25
Duty (%); Tp<=0.01 sec
1
10
100
200
300
400
500
600
700
800
900
1000
Maximum Permissible Pulse Current, Ta=25
Duty (%); Tp<=0.01 sec
1
10
100
200
300
400
500
600
700
800
900
1000
Maximum Permissible Pulse Current, Ta=25
Duty (%); Tp<=0.01 sec
1
10
100
200
300
400
500
600
700
800
900
1000
Maximum Permissible Pulse Current, Ta=25
Duty (%); Tp<=0.01 sec
1
10
100
200
300
400
500
600
700
800
900
1000


Similar Part No. - NPF-TSD-AD

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-12 MEANWELL-NPF-120-12 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-15 MEANWELL-NPF-120-15 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-20 MEANWELL-NPF-120-20 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120-24 MEANWELL-NPF-120-24 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
More results

Similar Description - NPF-TSD-AD

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN White High Lumens : 350 mA
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
logo
BRIGHT LED ELECTRONICS ...
BL-PPW-TSD-ADE-1 BRIGHT-BL-PPW-TSD-ADE-1 Datasheet
306Kb / 9P
   NovaLED 350 InGaN - High Lumens Super high brightness surface mount LED.
logo
DOMINANT Semiconductors
N2B-CSS-TU1-1 DOMINANT-N2B-CSS-TU1-1 Datasheet
561Kb / 12P
   SPNovaLED InGaN : 50mA
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
   SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
   SPNovaLED InGaN Blue : 1 Watt
NPT-USS-ADE-1 DOMINANT-NPT-USS-ADE-1 Datasheet
584Kb / 13P
   SPNovaLED InGaN True Green :1 Watt
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
   LED InGaN White High Brightness
logo
Unisonic Technologies
PWW01NBT-C0 UTC-PWW01NBT-C0 Datasheet
247Kb / 4P
   Warm WHITE HIGH POWER LED
logo
DOMINANT Semiconductors
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
   LED InGaN White
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com