Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Z9280-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. Z9280-A
Description  Surface Mount Wideband RF Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Z9280-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Z9280-A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2005
Specifications subject to change without notice.
Please check our website for latest information.
SurfaceMountWidebandRFTransformers
Document 296
Document 296
Revised 02/21/05
These wideband RF transformers provide excellent perfor-
mance at a very economical price. They come tapped or
untapped and are packaged in a low profile, flat top ceramic
case that makes them ideal for pick and place operations.
Theyfeature400Visolationanda500 mAmaximumcurrent
rating. Operating temperature range is -40° to +85° C.
Applications include impedance matching, voltage or cur-
rent transformation, DC isolation, balanced/unbalanced
mixing, matching, power splitting, coupling and signal
inversion.
For free evaluation samples, contact Coilcraft or visit
www.coilcraft.com.
Impedance
3 dB frequency
Insertion
Pins 1-3
Pins 6-4
Part
ratio
response
Irms
loss typ
L min DCR max
L min DCR max
number
pri : sec
(MHz)
(mA)
(dB)
(µH)
(Ohms)
(µH)
(Ohms)
Color dot
Z9280-A
1 : 1
0.250 – 450
250
0.58
13
0.060
11
0.055
Orange
Z9314-A
1 : 6.25
0.350 – 1700
250
1.10
30
0.080
8
0.038
Black
Dimensions
Schematic
For Analog
Devices
D/A High-Speed
Converters
1. Operating temperature range -40°C to +85°C.
2. Electrical specifications at 25°C.


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HM90 Surface Mount Planar Transformers 1  2  Bi technologies
HM33 Current Sense Surface Mount Transformers 1  Bi technologies
HM33 Current Sense Surface Mount Transformers 1  List of Unclassifed Manufacturers
MXB-1001-13 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-1501-10H SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXJ-0902-17 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
IRF9530NSPBF Advanced Process Technology Surface Mount 1  2  3  4  5  More International Rectifier
MURA230T3 Surface Mount Ultrafast Power Rectifiers 1  2  3  4  ON Semiconductor
IRHNA3160 RADIATION HARDENED POWER MOSFET SURFACE MOUNT SMD-2 1  2  3  4  5  More International Rectifier
SEL6013 3phi Inverted-cone LED for surface illumination Direct Mount 1  Sanken electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn