Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBTGFR421-S Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # HBTGFR421-S
Description  CHIP LED DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HBTGFR421-S Datasheet(HTML) 6 Page - Seoul Semiconductor

  HBTGFR421-S Datasheet HTML 1Page - Seoul Semiconductor HBTGFR421-S Datasheet HTML 2Page - Seoul Semiconductor HBTGFR421-S Datasheet HTML 3Page - Seoul Semiconductor HBTGFR421-S Datasheet HTML 4Page - Seoul Semiconductor HBTGFR421-S Datasheet HTML 5Page - Seoul Semiconductor HBTGFR421-S Datasheet HTML 6Page - Seoul Semiconductor HBTGFR421-S Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8. Reel Packing Structure
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 6/7-
HBTGFR421-S
SSC-QP-0401-06(REV.0)
L O T N O :
P A R T
: S S C - H B T G F R 4 2 1 - S
CHIP LED
S E O U L S E M I C O N D U C T O R
C O . , L T D
Q ' Y T
: 4 0 , 0 0 0 E A
C O D E
:
D A T E
:
*Material: Paper(SW3B(B))
P / N : # # # # # # # # # #
L o t N o
# # # # # # # # #
제품명 SSC-HBTGFR421-S
제품명 SSC-HBTGFR421-S
L o t N o
# # # # # # # # #
P / N : # # # # # # # # # #
CHIP LED
a
Outer Box
b
c
7inch
TYPE
수량 : 4000
Aluminum Vinyl Bag
Reel
수량 : 4000
c
b
a
220
245
142
SIZE(mm)
##
##


Similar Part No. - HBTGFR421-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HBTGFR421-KR SEOUL-HBTGFR421-KR Datasheet
1Mb / 13P
   1.6*1.5*0.5 mm Untited, Diffused flat mold Wavelength: -.Red: 625nm Green: 525nm Blue: 472nm
HBTGFR421-W SEOUL-HBTGFR421-W Datasheet
1Mb / 14P
   1.6*1.5*0.5 mm Untited, Diffused flat mold
More results

Similar Description - HBTGFR421-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com