Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL22LV10AZSI-35 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PEEL22LV10AZSI-35
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEEL22LV10AZSI-35 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PEEL22LV10AZSI-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEEL22LV10AZSI-35 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
04-02-037D
PEEL
TM 22LV10AZ
Table 6 - A.C. Electrical Characteristics
(Over the operating range
9)
-25
I-35
3V
±±±±10% 3.3V±±±±10% 3V±±±±10% 3.3V±±±±10%
Symbol
Parameter
Min Max Min Max Min Max Min Max
Units
tPD
Input
6 to non-registered output in continuous
mode
13
30
25
40
35
ns
tOE
Input
6 to output enable7
30
25
40
35
ns
tOD
Input
6 to output disable7
30
25
40
35
ns
tCO1
Clock to output
20
15
28
25
ns
tCO2
Clock to comb. Output delay via internal
registered feedback
40
35
56
49
ns
tCF
Clock to Feedback
14
9
20
13
ns
tSC
Input
6 or feedback setup to clock
20
15
28
21
ns
tHC
Input
6 hold after clock
0
0
0
0
ns
tCL, tCH
Clock low time, clock high time
9
20
13
28
18
ns
tCP
Min clock period Ext (tSC + tCO1)
40
30
56
39
ns
fMAX1
Internal feedback 1/ (tSC + tCF)
12
29.4
41.6
20.8
29.4
MHz
fMAX2
External Feedback (1/ tCP)
12
25
33.3
17.9
25.6
MHz
fMAX3
No Feedback 1/ (tCL + tCH)
12
25
38.4
17.9
27.7
MHz
tAW
Asynchronous Reset Pulse Width
30
25
40
35
ns
tAP
Input to Asynchronous Reset
30
25
40
35
ns
tAR
Asynchronous Reset recovery time
30
25
40
35
ns
tRESET
Power-on reset time for registers in clear state
14
5
5
5
5
µs
Inpu ts I/O ,
R egistered F eedback,
Synchronous Preset
Clock
Asyn chronou s
Rese t
R egistered
Outp uts
C om binatoria l
Outp uts
Figure 7 - Switching Waveforms
Notes:
1.
Minimum DC input is -0.5V, however, inputs may undershoot to -
2.0V for periods less than 20 ns.
2.
VI and VO are not specified for program/verify operation.
3.
The Supply Voltage range of 2.7 to 3.6V was chosen to allow
this part to be used in both 3V 10% and 3.3V 10% applications.
4.
Test Points for Clock and VCC in tR and tF are referenced at the
10% and 90% levels.
5.
I/O pins are 0V and VCC.
6.
"Input" refers to an input pin signal.
7.
tOE is measured from input transition to VREF 0.1V, TOD is
measured from input transition to VOH -0.1V or VOL +0.1V; VREF
=VL
8.
Capacitances are tested on a sample basis.
9.
Test conditions assume: signal transition times of 3ns or less
from the 10% and 90% points, timing reference levels of 1.5V
(Unless otherwise specified).
10. Test one output at a time for duration of less than 1 second.
11. ICC for a typical application: This parameter is tested with the
device programmed as a 10-bit Counter.
12. Parameters are not 100% tested. Specifications are based on
initial characterization and are tested after any design process
modification that might affect operational frequency.
13. tPD, tOE, tOD, tCO, tSC, and tAP are approximately 5 ns, slower on the
first transaction from sleep mode.
14. All inputs at GND.


Similar Part No. - PEEL22LV10AZSI-35

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22LV10AZS-25 ANACHIP-PEEL22LV10AZS-25 Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZS-25L ANACHIP-PEEL22LV10AZS-25L Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22LV10AZSI-35

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com