Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL22LV10AZJI-35 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PEEL22LV10AZJI-35
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEEL22LV10AZJI-35 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PEEL22LV10AZJI-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL22LV10AZJI-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PEEL
TM 22LV10AZ
04-02-037D
Programmable I/O Macrocell
The
unique
twelve-configuration
output
macrocell
provides complete control over the architecture of each
output.
The
ability
to
configure
each
output
independently lets you to tailor the configuration of the
PEEL22LV10AZ to the precise requirements of your
design.
Macrocell Architecture
Each I/O macrocell, as shown in Figure 4, consists of a
D-type flip-flop and two signal-select multiplexers. The
configuration of each macrocell is determined by the
four EEPROM bits controlling these multiplexers. These
bits determine output polarity, output type (registered or
non-registered) and input-feedback path (bidirectional
I/O, combinatorial feedback). Refer to Table 1 for
details.
Equivalent
circuits
for
the
twelve
macrocell
configurations are illustrated in Figure 6. In addition to
emulating
the
four
PAL-type
output
structures
(configurations 3, 4, 9, and 10), the macrocell provides
eight additional configurations. When creating a PEEL
device design, the desired macrocell configuration is
generally specified explicitly in the design file. When the
design is
assembled or
compiled,
the
macrocell
configuration bits are defined in the last lines of the
JEDEC programming file.
Output Type
The signal from the OR array can be fed directly to the
output pin (combinatorial function) or latched in the D-
type flip-flop (registered function). The D-type flip-flop
latches data on the rising edge of the clock and is
controlled by the global preset and clear terms. When
the synchronous preset term is satisfied, the Q output of
the register is set HIGH at the next rising edge of the
clock input. Satisfying the asynchronous clear sets Q
LOW, regardless of the clock state. If both terms are
satisfied simultaneously, the clear will override the
preset.
Output Polarity
Each macrocell can be configured to implement active-
high
or
active-low
logic.
Programmable
polarity
eliminates the need for external inverters.
Output Enable
The output of each I/O macrocell can be enabled or
disabled
under
the
control
of
its
associated
programmable output enable product term. When the
logical conditions programmed on the output enable
term are satisfied, the output signal is propagated to the
I/O pin. Otherwise, the output buffer is switched into the
high-impedance state.
Under the control of the output enable term, the I/O pin
can function as a dedicated input, a dedicated output,
or a bi-directional I/O. Opening every connection on the
output enable term will permanently enable the output
buffer and yield a dedicated output. Conversely, if every
connection is intact, the enable term will always be
logically false and the I/O will function as a dedicated
input.
Input/Feedback Select
The PEEL22LV10AZ macrocell also provides control
over the feedback path. The input/feedback signal
associated with each I/O macrocell can be obtained
from three different locations; from the I/O input pin,
from the Q output of the flip-flop (registered feedback),
or directly from the OR gate (combinatorial feedback).
Bi-directional I/O
The input/feedback signal is taken from the I/O pin
when using the pin as a dedicated input or as a bi-
directional I/O. (Note that it is possible to create a
registered output function with a bi-directional I/O, refer
to Figure 4.
Figure 4 - Block Diagram of the PEEL22LV10AZ I/O
Macrocell
Combinatorial Feedback
The signal-select multiplexer gives the macrocell the
ability to feedback the output of the OR gate, bypassing
the output buffer, regardless of whether the output
function is registered or combinatorial. This feature
allows the creation of asynchronous latches, even when
the output must be disabled. (Refer to configurations 5,
6, 7, and 8 in Figure 6.)
Registered Feedback
Feedback
also
can
be
taken from
the
register,
regardless
of
whether
the
output
function
is
programmed to be combinatorial or registered. When
implementing
a
combinatorial
output
function,
registered feedback allows for the internal latching of
states without giving up the use of the external output.


Similar Part No. - PEEL22LV10AZJI-35

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22LV10AZJ-25 ANACHIP-PEEL22LV10AZJ-25 Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZJ-25L ANACHIP-PEEL22LV10AZJ-25L Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22LV10AZJI-35

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com