Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6324T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA6324T
Description  Sound control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6324T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA6324T Datasheet HTML 3Page - NXP Semiconductors TEA6324T Datasheet HTML 4Page - NXP Semiconductors TEA6324T Datasheet HTML 5Page - NXP Semiconductors TEA6324T Datasheet HTML 6Page - NXP Semiconductors TEA6324T Datasheet HTML 7Page - NXP Semiconductors TEA6324T Datasheet HTML 8Page - NXP Semiconductors TEA6324T Datasheet HTML 9Page - NXP Semiconductors TEA6324T Datasheet HTML 10Page - NXP Semiconductors TEA6324T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1997 Mar 13
7
Philips Semiconductors
Preliminary specification
Sound control circuit
TEA6324T
CHARACTERISTICS
VCC = 8.5 V; RS = 600 Ω; RL =10kΩ; CL = 2.5 nF; AC coupled; f = 1 kHz; Tamb =25 °C; gain control Gv = 0 dB; bass
linear; treble linear; balance in mid position; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.5
8.5
9.5
V
ICC
supply current
26
33
mA
VDC
internal DC voltage at inputs and
outputs
3.83
4.25
4.68
V
Vref
internal reference voltage at pin 16
4.25
V
Gv(max)
maximum voltage gain
RS =0 Ω; RL = ∞
19
20
21
dB
Vo(rms)
output voltage level (RMS value) for
Pmax at the power output stage
THD
≤ 0.1%; see Fig.10
2000
mV
start of clipping
THD = 1%
2300
−−
mV
RL =2kΩ; CL = 10 nF;
THD = 1%
2000
−−
mV
Vi(rms)
input sensitivity
Vo = 2000 mV; Gv =20dB
200
mV
fro
roll-off frequency
CKIN = 220 nF;
CKVL = 220 nF; Zi =Zi(min)
low frequency (
−1 dB)
60
−−
Hz
low frequency (
−3 dB)
30
−−
Hz
high frequency (
−1 dB)
20000
−−
Hz
CKIN = 470 nF;
CKVL = 100 nF; Zi =Zi(typ)
low frequency (
−3 dB)
17
−−
Hz
αcs
channel separation
Vi = 2 V; frequency range
250 Hz to 10 kHz
90
96
dB
THD
total harmonic distortion
frequency range
20 Hz to 12.5 kHz
Vi = 100 mV; Gv =20dB
0.1
%
Vi = 1 V; Gv =0dB
0.05
0.15
%
Vi = 2 V; Gv =0dB
0.1
%
Vi = 2 V; Gv = −10 dB
0.1
%
RR
ripple rejection
Vr(rms) < 200 mV
f = 100 Hz
70
76
dB
f = 40 Hz to 12.5 kHz
66
dB
(S+N)/N
signal-plus-noise to noise ratio
unweighted;
20 Hz to 20 kHz RMS;
Vo = 2.0 V; see Figs 5 and 6
105
dB
CCIR468-2 weighted; quasi
peak; Vo = 2.0 V
Gv =0dB
95
dB
Gv =12dB
88
dB
Gv =20dB
81
dB


Similar Part No. - TEA6324T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Similar Description - TEA6324T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
KEC(Korea Electronics)
KIA6930P KEC-KIA6930P Datasheet
177Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (STEREO SOUND CONTROL SYSTEM)
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
logo
NTE Electronics
NTE1789 NTE-NTE1789 Datasheet
24Kb / 2P
   Integrated Circuit TV Sound Preamp, AF Output, Volume Control
logo
MOSDESIGN SEMICONDUCTOR...
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
   VDD CONTROL ALARM SOUND
2011-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com