Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1901-7R Datasheet(PDF) 3 Page - Power-One

Part # LM1901-7R
Description  50-Watt AC-DC Cassette Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LM1901-7R Datasheet(HTML) 3 Page - Power-One

  LM1901-7R Datasheet HTML 1Page - Power-One LM1901-7R Datasheet HTML 2Page - Power-One LM1901-7R Datasheet HTML 3Page - Power-One LM1901-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pin
Electrical determination
LM1000
LM2000
LM3000
2
Inhibit control input
i
i
i
5
Data safe or ACFAIL
D or V
D or V
D or V
8
Output positive
Vo+
Vo3+
11
Output negative
Vo–
Vo3–
14
Control input +
R
17
Control input –
G
14
Output positive
Vo2+
Vo2+
17
Output negative
Vo2–
Vo2–
20
Output positive
Vo+
Vo1+
Vo1+
23
Output negative
Vo–
Vo1–
Vo1–
26
Protective earth
PE
29
AC input neutral
N
N
N
32
AC input phase
L
L
L
JUN 20, 2006 revised to JUL 21, 2006
Page 3 of 4
www.power-one.com
M Series Data Sheet
50-Watt AC-DC Cassette Converters
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion A
Electromagnetic field
IEC/EN 61000-4-3, level x (20 V/m)
criterion A/B
Electr. fast transients/bursts
IEC/EN 61000-4-4, input, level 3/4 (2/4 kV)
criterion A/B
Surge
IEC/EN 61000-4-5, input, level 3/4 (2/4 kV)
criterion A
Conducted disturbances
IEC/EN 61000-4-6, level 3 (10 V)
criterion B
Electromagnetic emissions
CISPR 22/EN 55022, class I, conducted
class B
Environmental
Operating ambient temperature
Vi nom, Io nom, convection cooled
–25 to 71 °C
Operating case temperature TC
Vi nom, Io nom
–25 to 95 °C
Storage temperature
non operational
–40 to 100 °C
Damp heat
IEC/EN 60068-2-78, 93%, 40 °C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10 - 60/60 - 2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 6 ms
100 gn
Bump
IEC/EN 60068-2-29, 6 ms
40 gn
Random vibration
IEC/EN 60068-2-64, 20 to 500 Hz
4.9 gn rms
MTBF
MIL-HDBK-217E, GB, 40 °C, single output models
320 000 h
Options
Extended temperature range
–40 to 71 °C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
95 - 105% Vo nom, excludes feature R
P
Input and/or output undervoltage monitoring, excludes option V
D0 - D9
Input and/or output undervoltage monitoring (VME), excludes option D
V1 - V3
Test sockets for check of output voltage
A
Fuse not user-accessible
F
Pin Allocation


Similar Part No. - LM1901-7R

ManufacturerPart #DatasheetDescription
logo
Power-One
LM1901-7R POWER-ONE-LM1901-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1901-7R POWER-ONE-LM1901-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
More results

Similar Description - LM1901-7R

ManufacturerPart #DatasheetDescription
logo
Power-One
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LOK4001-2RLD POWER-ONE-LOK4001-2RLD Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com