Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOS4001-2RLD Datasheet(PDF) 7 Page - Power-One

Part # LOS4001-2RLD
Description  DIN-Rail Mountable AC-DC (DC-DC) Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LOS4001-2RLD Datasheet(HTML) 7 Page - Power-One

Back Button LOS4001-2RLD Datasheet HTML 3Page - Power-One LOS4001-2RLD Datasheet HTML 4Page - Power-One LOS4001-2RLD Datasheet HTML 5Page - Power-One LOS4001-2RLD Datasheet HTML 6Page - Power-One LOS4001-2RLD Datasheet HTML 7Page - Power-One LOS4001-2RLD Datasheet HTML 8Page - Power-One LOS4001-2RLD Datasheet HTML 9Page - Power-One LOS4001-2RLD Datasheet HTML 10Page - Power-One LOS4001-2RLD Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SEP 09, 2005 revised to JUL 17, 2006
Page 7 of 12
www.power-one.com
LOS, LOR, LOK4000 Series Data Sheet
DIN-Rail Mountable AC-DC (DC-DC) Converters
Electromagnetic Compatibility (EMC)
Immunity
A metal-oxide VDR together with the input fuse and the input
filter form an effective protection against high input transient
Table 5: Immunity type tests
Phenomenon
Standard 1
Level
Coupling
Value
Waveform
Source
Test
Per-
mode 2
applied
imped.
procedure
form.3
Electrostatic
IEC/EN
2
air discharge
8000 Vp
1/50 ns
330
10 positive and
B
discharge
61000-4-2
10 negative
discharges
Electromagnetic
IEC/EN
2
antenna
3 V/m
AM 80%
n.a.
80…1000 MHz
B
field
61000-4-3
1 kHz
900 MHz
1800 MHz
Electrical fast
IEC/EN
3
direct, i/ , +i/– i
2 kVp
bursts of 5/50 ns
50
60 s positive
B
transients/burst
61000-4-4
2.5/5 kHz over
60 s negative
15 ms; burst
transients per
period: 300 ms
coupling mode
Surge
IEC/EN
3
i/
2 kVp
1.2 / 50 µs
12
5 pos. and 5 neg.
A
61000-4-5
2
+i/– i
1 kVp
2
surges per
Conducted
IEC / EN
2
box
3 VAC
AM 80%
150
0.15 - 80 MHz
A
disturbances
61000-4-6
1 kHz
1 Related and previous standards are referenced in: Technical Information: Standards
2 i = input, o = output,
= PE case.
3 A = Normal operation, no deviation from specifications, B = Normal operation, temporary deviation from specs possible.
Emission
Internal input filtering keeps the conducted noise of the
converters within the frequency range of 10 kHz to 30 MHz
below level B according to EN 55011 and EN 55022 standards.
Fig. 8
Typical conducted disturbances (quasi-peak) at the input
measured according to EN 55011/ 55022 at Vi nom and Io nom.
LOK4601-2R, Vi = 230 VAC.
07113
EN 55022 A
EN 55022 B
90
80
70
60
50
40
30
20
10
0
[dB
µV]
MHz
Fig. 9
Radiated disturbances measured according to
EN 55011/ 55022 at Vi nom and Io nom. LOK4601-2R, Vi = 230
VAC.
0
10
20
30
40
50
EN 55022 B
dBµV/m
LOK4601-2RC1, Vin=230 VAC, Vo=24 V, Io=2 A,
Antenna 10 m, 24-Jan-06, ESVS30, Dubnica
30
50
100
200
500
MHz
voltages, which typically occur in most installations. The LOS,
LOR, and LOK series have been successfully tested to the
following specifications:


Similar Part No. - LOS4001-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOS4301-2 POWER-ONE-LOS4301-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
LOS4601-2 POWER-ONE-LOS4601-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
More results

Similar Description - LOS4001-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
logo
Powerbox
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
   10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
   60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com