Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP6-X4X8D4D-O Datasheet(PDF) 3 Page - Power-One

Part # HP6-X4X8D4D-O
Description  Multi-Output AC-DC Front End
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HP6-X4X8D4D-O Datasheet(HTML) 3 Page - Power-One

  HP6-X4X8D4D-O Datasheet HTML 1Page - Power-One HP6-X4X8D4D-O Datasheet HTML 2Page - Power-One HP6-X4X8D4D-O Datasheet HTML 3Page - Power-One HP6-X4X8D4D-O Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Nov 7, 2006
Page 3 of 4
www.power-one.com
Multi-Output HP6 Front End
and RACK-HP600 Data Sheet
HP6 Outline Drawings and Dimensions
HP6 Connector Pin Descriptions
HP6 PIN Numbers and Signal Names
1 Ground
18 Share V2
2 Ground
19 +Sense V2
3 V2 Output
20 SDA
4 V2 Output
21 SCL
5 V2 Output
22 Share V3
6 Ground
23 Power Fail OK
7 Ground
24 5V Standby
8 Ground
25 5V Standby
9 V1 Output
26 +Sense V3
10 V1 Output
27 Power OK
11 V1 Output
28 Present
12 Dc Enable
29 A0
13 A1
30 Interrupt
14 -Sense
31 Share V1
15 +Sense V1
32 Ground
16 V4 Output (-12V)
33 V3 Output (+12V)
17 V4 Output (-12V)
34 V3 Output (+12V)
HP6 J5 Connector Detail


Similar Part No. - HP6-X4X8D4D-O

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP6-0090L COILCRAFT-HP6-0090L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP6-0090L COILCRAFT-HP6-0090L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP6-0121L COILCRAFT-HP6-0121L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP6-0121L COILCRAFT-HP6-0121L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP6-0158L COILCRAFT-HP6-0158L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP6-X4X8D4D-O

ManufacturerPart #DatasheetDescription
logo
Power-One
HP600 POWER-ONE-HP600 Datasheet
106Kb / 6P
   Multi-Output HP600 AC-DC Front End Data Sheet
logo
TDK Electronics
FPS1000-12 TDK-FPS1000-12 Datasheet
999Kb / 6P
   AC/DC Front End
logo
Power-One
SFP450-12BG POWER-ONE-SFP450-12BG Datasheet
823Kb / 9P
   AC-DC Front-End 12V Output, 450 Watts
SFP650-12BG POWER-ONE-SFP650-12BG Datasheet
441Kb / 9P
   AC-DC Front-End 12V Output, 650 Watts
SFP650-12BG POWER-ONE-SFP650-12BG_09 Datasheet
384Kb / 10P
   AC-DC Front-End 12V Output, 650 Watts
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com