Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP6000-32-S Datasheet(PDF) 8 Page - Power-One

Part # FXP6000-32-S
Description  Distributed Power Front-End
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXP6000-32-S Datasheet(HTML) 8 Page - Power-One

  FXP6000-32-S Datasheet HTML 1Page - Power-One FXP6000-32-S Datasheet HTML 2Page - Power-One FXP6000-32-S Datasheet HTML 3Page - Power-One FXP6000-32-S Datasheet HTML 4Page - Power-One FXP6000-32-S Datasheet HTML 5Page - Power-One FXP6000-32-S Datasheet HTML 6Page - Power-One FXP6000-32-S Datasheet HTML 7Page - Power-One FXP6000-32-S Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FEB 11, 2005 revised to JAN 09, 2007
Page 8 of 8
www.power-one.com
FXP6000 AC-DC Series Data Sheet
Filler Panel Kit, PN: 088-101348
(Used with FRV7000 Power Shelf)
This kit is used to cover an unused left or center slot of the FRV7000 Power Shelf (as viewed from the front of the FRV7000). One kit is required per slot. Kits
can be installed before, or after installation of the power shelf into the rack.
FRV7000 POWER SHELF, LEFT-SIDE VIEW
7.20"
(182.9mm)
1.20"
(30.5mm)
0.40"
(10.2mm)
0.214"
(5.44mm)
0.000
COOLING AIR
EXHAUST
COOLING AIR
INTAKE
CUSTOMER-SUPPLIED
DC CABLES
POWER SUPPLY LOCK
HOOK; CLEARANCE
REQUIRED 6 PLACES
FINGER GUARD
FOR DC OUTPUT
TERMINALS
1/4-20 THREADED INSERTS 2PL
EACH SIDE FOR REAR SUPPORT
OF UNIT. DO NOT EXCEED 0.500"
PENETRATION OF SCREW INTO UNIT.
(FILLER PANEL KIT AS SEEN FROM INSIDE OF POWER SHELF)
FILLER PANEL
UPPER BRACKET
LOWER BRACKET


Similar Part No. - FXP6000-32-S

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP611.07.0092C TAOGLAS-FXP611.07.0092C Datasheet
863Kb / 11P
   IPEX MHFI Connector
logo
List of Unclassifed Man...
FXP611070092C ETC2-FXP611070092C Datasheet
530Kb / 10P
   Flexible Polymer GPS/GLONASS/COMPASS Cloud Shape Antenna
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
   The CLoud Flexible Polymer Cloud Shape Antenna
logo
List of Unclassifed Man...
FXP612.07.0095A ETC2-FXP612.07.0095A Datasheet
3Mb / 14P
   FXP612 Flexible Polymer
logo
Taoglas antenna solutio...
FXP612.07.0095A TAOGLAS-FXP612.07.0095A Datasheet
3Mb / 14P
   Flexible Loop Antenna
More results

Similar Description - FXP6000-32-S

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Artesyn Technologies
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
   Distributed Power Bulk Front-End
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
   Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com