Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE83502 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE83502
Description  3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83502 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE83502_06 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE83502_06 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0125-02
│ www.psemi.com
2.85 V
≤ V
DD ≤ 3.15 V;
-55° C
≤ T
A ≤ 125° C, unless otherwise specified
The PE83502 is a high-performance monolithic UltraCMOS™
prescaler with a fixed divide ratio of 4. Its operating frequency
range is 1.5 GHz to 3.5 GHz. The PE83502 operates on a
nominal 3 V supply and draws only 12 mA. It is packaged in a
small 8-lead MSOP and is ideal for microwave PLL synthesis
solutions.
The PE83502 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
3.5 GHz Low Power UltraCMOS™
Divide-by-4 Prescaler
Military Operating Temperature Range
Product Description
Figure 1. Functional Schematic Diagram
PE83502
Features
High-frequency operation:
1.5 GHz to 3.5 GHz
Fixed divide ratio of 4
Low-power operation: 12 mA typical
@ 3 V across frequency
Small package: 8-lead MSOP
Low Cost
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
Figure 2. Package Type
8-lead MSOP
D
QB
Q
CLK
D
QB
Q
CLK
Pre-Amp
Output
Buffer
IN
OUT
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
13
19
mA
Input Frequency (FIN)
1.5
3.5
GHz
Input Power (PIN)
1500 MHz
≤ F
in ≤ 3200 MHz
-5
+10
dBm
3200 MHz < Fin ≤ 3500 MHz
0
+10
dBm
Output Power
-5
dBm


Similar Part No. - PE83502_06

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83502-EK PEREGRINE-PE83502-EK Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results

Similar Description - PE83502_06

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83511 PEREGRINE-PE83511_06 Datasheet
262Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE9309 PEREGRINE-PE9309 Datasheet
218Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE9309 PSEMI-PE9309 Datasheet
221Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com