Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9702 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # PE9702
Description  3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE9702 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button PE9702_06 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE9702_06 Datasheet HTML 13Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product Specification
PE9702
Page 9 of 13
Document No. 70-0036-02
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Serial Interface Mode
Serial Interface Mode is selected by setting the
Bmode input “low” and the Smode input “high”.
While the E_WR input is “low” and the S_WR
input is “low”, serial input data (Sdata input), B0 to
B19, is clocked serially into the primary register on
the rising edge of Sclk, MSB (B0) first. The
contents from the primary register are transferred
into the secondary register on the rising edge of
either S_WR or Hop_WR according to the timing
diagram shown in Figure 6. Data is transferred to
the counters as shown in Table 7.
The double buffering provided by the primary and
secondary registers allows for “ping-pong” counter
control using the FSELS input. When FSELS is
“high”, the primary register contents set the
counter inputs. When FSELS is “low”, the
secondary register contents are utilized.
While the E_WR input is “high” and the S_WR
input is “low”, serial input data (Sdata input), B0 to
B7, is clocked serially into the enhancement
register on the rising edge of Sclk, MSB (B0) first.
The enhancement register is double buffered to
prevent inadvertent control changes during serial
loading, with buffer capture of the serially-entered
data performed on the falling edge of E_WR
according to the timing diagram shown in
Figure 5. After the falling edge of E_WR, the data
provides control bits as shown in Table 8 with bit
functionality enabled by asserting the
Enh input
“low”.
Direct Interface Mode
Direct Interface Mode is selected by setting the
Bmode input “high”.
Counter control bits are set directly at the pins as
shown in Table 7. In Direct Interface Mode, main
counter inputs M7 and M8, and R Counter inputs
R4 and R5 are internally forced low (“0”).
MSB (first in)
(last in) LSB
Table 7. Primary Register Programming
Table 8. Enhancement Register Programming
*Serial data clocked serially on Sclk rising edge while E_WR “low” and captured in secondary register on S_WR rising edge.
*Serial data clocked serially on Sclk rising edge while E_WR “high” and captured in the double buffer on E_WR falling edge.
MSB (first in)
(last in) LSB
Interface
Mode
Enh
Bmode
Smode
R5
R4
M8
M7
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
Parallel
1
0
0
M2_WR rising edge load
M1_WR rising edge load
A_WR rising edge load
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
1
0
1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
Direct
1
1
X
0
0
0
0
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
Interface
Mode
Enh
Bmode
Smode
Reserved
Reserved
Reserved
Power
down
Counter
load
MSEL
output
Prescaler
output
fc, fp OE
Parallel
0
0
0
E_WR rising edge load
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
0
0
1
B0
B1
B2
B3
B4
B5
B6
B7


Similar Part No. - PE9702_06

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE97022-00 PEREGRINE-PE97022-00 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022-01 PEREGRINE-PE97022-01 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022-11 PEREGRINE-PE97022-11 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE9702_06

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com