Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-ERT801 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SSC-ERT801
Description  TOP LED DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-ERT801 Datasheet(HTML) 5 Page - Seoul Semiconductor

  SSC-ERT801 Datasheet HTML 1Page - Seoul Semiconductor SSC-ERT801 Datasheet HTML 2Page - Seoul Semiconductor SSC-ERT801 Datasheet HTML 3Page - Seoul Semiconductor SSC-ERT801 Datasheet HTML 4Page - Seoul Semiconductor SSC-ERT801 Datasheet HTML 5Page - Seoul Semiconductor SSC-ERT801 Datasheet HTML 6Page - Seoul Semiconductor SSC-ERT801 Datasheet HTML 7Page - Seoul Semiconductor SSC-ERT801 Datasheet HTML 8Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SEOUL SEMICONDUCTOR CO.,LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 5/8 -
SSC-ERT801
SSC-QP-0401-06(REV.1.2)
7. Packing
6. Outline Dimension
(1) Quantity : 2000pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the
carrier tape at the angle of 10º to the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
1.0±0.1
3.1±0.1
2.0±0.05
4.0±0.1
1.55 ± 0.05
0.22±0.05
2.22±0.1
0.2
2.0 ±
30°
-3
+0
±0.2
LABLE
11.4
0.3
9.0 ±
±0.1
180
13
10
22
( Tolerance: ±0.2, Unit: mm )
( Tolerance: ±0.2, Unit: mm )


Similar Part No. - SSC-ERT801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
   S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
logo
Seoul Semiconductor
SSC-AM101 SEOUL-SSC-AM101 Datasheet
390Kb / 7P
   CHIP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
logo
List of Unclassifed Man...
SSC-CMX2 ETC2-SSC-CMX2 Datasheet
249Kb / 1P
   Clip Addressable Output Module
logo
Seoul Semiconductor
SSC-D3232SL-88 SEOUL-SSC-D3232SL-88 Datasheet
361Kb / 3P
   LED DOT MATRIX
More results

Similar Description - SSC-ERT801

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com