Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6101 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA6101
Description  Antenna diversity circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6101 Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA6101 Datasheet HTML 1Page - NXP Semiconductors TEA6101 Datasheet HTML 2Page - NXP Semiconductors TEA6101 Datasheet HTML 3Page - NXP Semiconductors TEA6101 Datasheet HTML 4Page - NXP Semiconductors TEA6101 Datasheet HTML 5Page - NXP Semiconductors TEA6101 Datasheet HTML 6Page - NXP Semiconductors TEA6101 Datasheet HTML 7Page - NXP Semiconductors TEA6101 Datasheet HTML 8Page - NXP Semiconductors TEA6101 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
May 1992
2
Philips Semiconductors
Objective specification
Antenna diversity circuit
TEA6101/T
FEATURES
• Ability to switch between up to four antennae
• Switching signal derived from two signals: the audio and
the level signals
• Floating switching threshold adjusts switching rate to
prevailing circumstances:
– increasing threshold due to excessive noise
– increasing threshold due to numerous level variations
• Memory for the most favourable antenna signal to
overcome unnecessary switching
• Signal-dependent `soft` muting circuit
• Mode selection to the first antenna receiving an AM
signal whilst the diversity system is reset.
APPLICATIONS
• Car radio receivers
• Mobile radio communications equipment
GENERAL DESCRIPTION
Intended for multi-antenna FM car radio reception
(antenna diversity system), the TEA6101/T selects the
most favourable signal from one of up to four antennae.
Founded upon audible signal disturbance the criteria are
derived from two signals: high frequency components (e.g.
spikes due to noise and multipath reception) and
variations in signal level as a result of multipath reception
or fluctuations in field strength.
QUICK REFERENCE DATA
ORDERING INFORMATION
Notes
1. SOT102-1; 1996 September 10.
2. SOT163-1; 1996 September 10.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage
8.5
V
IP
positive supply current
14
mA
VI(p-p)
audio input voltage (peak-to-peak value)
−−
3V
Ios
antenna switch output current (source/sink)
−−
7mA
VL
−3 dB audio attenuation (soft mute)
1.45
V
Tamb
operating ambient temperature range
−30
+85
°C
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TEA6101
18
DIL
plastic
SOT102(1)
TEA6101T
20
SO
plastic
SOT163A(2)


Similar Part No. - TEA6101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6100 PHILIPS-TEA6100 Datasheet
513Kb / 27P
   FM/IF system and microcomputer-based tuning interface
August 1987
More results

Similar Description - TEA6101

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1513430 TEC-C-1513430 Datasheet
181Kb / 2P
   802.11b Diversity Antenna
logo
KEC(Korea Electronics)
KIA2039FN KEC-KIA2039FN Datasheet
319Kb / 14P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM ANTENNA DIVERSITY IC)
logo
Sanyo Semicon Device
LA1060 SANYO-LA1060 Datasheet
388Kb / 8P
   Antenna Switching Diversity Circuit for Car-Use FM Tuners
logo
TE Connectivity Ltd
C-1513431 TEC-C-1513431 Datasheet
188Kb / 2P
   802.11b Diversity Antenna Fabrication Drawing
logo
Panasonic Semiconductor
AN7299S PANASONIC-AN7299S Datasheet
42Kb / 4P
   Antenna diversity IC for car TV
logo
Pulse A Technitrol Comp...
W3031 PULSE-W3031 Datasheet
1Mb / 3P
   850 MHz RX Diversity Ceramic Antenna
W3028 PULSE-W3028 Datasheet
1Mb / 3P
   1.8 GHz RX Diversity Ceramic Antenna
W3029 PULSE-W3029 Datasheet
1Mb / 3P
   1.9 GHz RX Diversity Ceramic Antenna
W3030 PULSE-W3030 Datasheet
1Mb / 3P
   2.1 GHz RX Diversity Ceramic Antenna
W3032 PULSE-W3032 Datasheet
1Mb / 3P
   900 MHz RX Diversity Ceramic Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com