Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HMC258LC3B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC258LC3B
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC258LC3B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
15 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC258LC3B
v00.0707
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
nLO
mRF
-2
-4
-6
-8
9753
1X
247.1
334.5
466.7
-4
50.1
-3
59.5
-2
32.8
-1
45.4
RF = 18 GHz @ -10 dBm
LO = 8.5 GHz @ 0 dBm
All values in dBc below IF power level.
Input IP2 vs. LO Drive *
Upconverter Performance
Conversion Gain @ LO = 0 dBm
Input P1dB
Input IP3 vs. LO Drive *
GaAs MMIC SUB-HARMONIC
SMT MIXER, 14.5 - 19.5 GHz
-5
0
5
10
15
20
14
15
16
17
18
19
20
21
22
-2 dBm
0 dBm
+2 dBm
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
14
15
16
17
18
19
20
21
22
-2 dBm
0 dBm
+2 dBm
RF FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
14
15
16
17
18
19
20
21
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
14
15
16
17
18
19
20
21
RF FREQUENCY (GHz)
MxN Spurious Outputs @ LO = 0 dBm


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn