Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F065 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C8051F065
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F065 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C8051F065 Datasheet HTML 6Page - Silicon Laboratories C8051F065 Datasheet HTML 7Page - Silicon Laboratories C8051F065 Datasheet HTML 8Page - Silicon Laboratories C8051F065 Datasheet HTML 9Page - Silicon Laboratories C8051F065 Datasheet HTML 10Page - Silicon Laboratories C8051F065 Datasheet HTML 11Page - Silicon Laboratories C8051F065 Datasheet HTML 12Page - Silicon Laboratories C8051F065 Datasheet HTML 13Page - Silicon Laboratories C8051F065 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
10
Rev. 1.2
Figure 5.17. ADC1L: ADC1 Data Word LSB Register.............................................. 65
Figure 5.18. ADC1 Data Word Example................................................................... 65
Figure 5.19. Calibration Coefficient Locations.......................................................... 66
Figure 5.20. Offset and Gain Register Mapping ....................................................... 67
Figure 5.21. Offset and Gain Calibration Block Diagram.......................................... 67
Figure 5.22. ADC0CPT: ADC Calibration Pointer Register ...................................... 68
Figure 5.23. ADC0CCF: ADC Calibration Coefficient Register ................................ 68
Figure 5.24. ADC0GTH: ADC0 Greater-Than Data High Byte Register .................. 69
Figure 5.25. ADC0GTL: ADC0 Greater-Than Data Low Byte Register.................... 69
Figure 5.26. ADC0LTH: ADC0 Less-Than Data High Byte Register........................ 70
Figure 5.27. ADC0LTL: ADC0 Less-Than Data Low Byte Register ......................... 70
Figure 5.28. 16-Bit ADC0 Window Interrupt Example: Single-Ended Data .............. 71
Figure 5.29. 16-Bit ADC0 Window Interrupt Example: Differential Data .................. 72
6. Direct Memory Access Interface (DMA0) ............................................................. 75
Figure 6.1. DMA0 Block Diagram............................................................................. 75
Figure 6.2. DMA Mode 0 Operation ......................................................................... 77
Figure 6.3. DMA Mode 1 Operation ......................................................................... 78
Figure 6.4. DMA0CN: DMA0 Control Register ......................................................... 80
Figure 6.5. DMA0CF: DMA0 Configuration Register................................................ 81
Figure 6.6. DMA0IPT: DMA0 Instruction Write Address Register ............................ 82
Figure 6.7. DMA0IDT: DMA0 Instruction Write Data Register ................................. 82
Figure 6.8. DMA0BND: DMA0 Instruction Boundary Register ................................. 83
Figure 6.9. DMA0ISW: DMA0 Instruction Status Register ....................................... 83
Figure 6.10. DMA0DAH: DMA0 Data Address Beginning MSB Register................. 84
Figure 6.11. DMA0DAL: DMA0 Data Address Beginning LSB Register .................. 84
Figure 6.12. DMA0DSH: DMA0 Data Address Pointer MSB Register ..................... 84
Figure 6.13. DMA0DSL: DMA0 Data Address Pointer LSB Register ....................... 84
Figure 6.14. DMA0CTH: DMA0 Repeat Counter Limit MSB Register...................... 85
Figure 6.15. DMA0CTL: DMA0 Repeat Counter Limit LSB Register ....................... 85
Figure 6.16. DMA0CSH: DMA0 Repeat Counter MSB Register .............................. 85
Figure 6.17. DMA0CSL: DMA0 Repeat Counter LSB Register................................ 85
7. 10-Bit ADC (ADC2, C8051F060/1/2/3).................................................................... 87
Figure 7.1. ADC2 Functional Block Diagram............................................................ 87
Figure 7.2. Temperature Sensor Transfer Function ................................................. 89
Figure 7.3. 10-Bit ADC Track and Conversion Example Timing .............................. 90
Figure 7.4. ADC2 Equivalent Input Circuits.............................................................. 91
Figure 7.5. AMX2CF: AMUX2 Configuration Register ............................................. 92
Figure 7.6. AMX2SL: AMUX2 Channel Select Register........................................... 93
Figure 7.7. ADC2CF: ADC2 Configuration Register ................................................ 94
Figure 7.8. ADC2H: ADC2 Data Word MSB Register .............................................. 95
Figure 7.9. ADC2L: ADC2 Data Word LSB Register................................................ 95
Figure 7.10. ADC2CN: ADC2 Control Register ........................................................ 96
Figure 7.11. ADC2GTH: ADC2 Greater-Than Data High Byte Register .................. 97
Figure 7.12. ADC2GTL: ADC2 Greater-Than Data Low Byte Register.................... 97
Figure 7.13. ADC2LTH: ADC2 Less-Than Data High Byte Register........................ 98


Similar Part No. - C8051F065

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F065 SILABS-C8051F065 Datasheet
195Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F065 SILABS-C8051F065 Datasheet
5Mb / 330P
   8K ISP FLASH MCU Family
Rev. 1.3
More results

Similar Description - C8051F065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com