Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY22800 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY22800
Description  Universal Programmable Clock Generator (UPCG)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY22800 Datasheet(HTML) 6 Page - Cypress Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY22800
Document #: 001-07704 Rev. **
Page 6 of 8
Test Circuit
Figure 2. Test Circuit Diagram
Figure 3. Duty Cycle Definition; DC = t2/t1
Figure 4. Rise and Fall Time Definitions
DC Electrical Specifications
Parameter
Name
Description
Min.
Typ.
Max.
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD = 3.3V (source)
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD = 3.3V (sink)
12
24
mA
CIN1
Input Capacitance
All input pins except XIN and XOUT
7
pF
CIN2
Input Capacitance
XIN and XOUT pins
24
pF
IIH
Input High Current
VIH = VDD
–5
10
µA
IIL
Input Low Current
VIL = 0V
50
µA
f∆XO
VCXO Pullability Range
±150
ppm
VVCXO
VCXO Input Range
0
VDD
V
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
––
0.3
VDD
AC Electrical Characteristics (VDD = 3.3V)
Parameter
Name
Description
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 3, 50% of VDD
45
50
55
%
t3
Rising Edge Slew Rate
Output Clock Rise Time, 20% - 80% of VDD
0.8
1.4
V/ns
t4
Falling Edge Slew Rate
Output Clock Fall Time, 80% - 20% of VDD
0.8
1.4
V/ns
t10
PLL Lock Time
3
ms
0.1
µF
VDD
CLKout
CLOAD
GND
OUTPUTS
t1
t2
CLK
50%
50%
t3
CLK
80%
20%
t4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn