Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F85J11 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F85J11
Description  64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
Download  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F85J11 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F85J11 Datasheet HTML 1Page - Microchip Technology PIC18F85J11 Datasheet HTML 2Page - Microchip Technology PIC18F85J11 Datasheet HTML 3Page - Microchip Technology PIC18F85J11 Datasheet HTML 4Page - Microchip Technology PIC18F85J11 Datasheet HTML 5Page - Microchip Technology PIC18F85J11 Datasheet HTML 6Page - Microchip Technology PIC18F85J11 Datasheet HTML 7Page - Microchip Technology PIC18F85J11 Datasheet HTML 8Page - Microchip Technology PIC18F85J11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 396 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39774C-page 1
PIC18F85J11 FAMILY
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
(PORTB and PORTC)
• Up to Four External Interrupts
• Four 8-Bit/16-Bit Timer/Counter modules
• Real-Time Clock (RTC) Software module:
- Configurable 24-hour clock, calendar,
automatic 100-year or 12800-year day of
week calculator using Timer1
• Two Capture/Compare/PWM (CCP) modules:
- Capture is 16-bit, max. resolution 6.25 ns (TCY/16)
- Compare is 16-bit, max. resolution 100 ns (TCY)
- PWM output: PWM resolution is up to 10-bit
• Master Synchronous Serial Port (MSSP) module with
Two Modes of Operation:
- 3-wire/4-wire SPI (supports all 4 SPI modes)
-I2C™ Master and Slave mode
• One Addressable USART module
• One Enhanced Addressable USART module:
- Supports LIN 1.2
- Auto-wake-up on Start bit and Break character
- Auto-Baud Detect (ABD)
• 10-Bit, up to 12-Channel A/D Converter:
- Auto-acquisition
- Conversion available during Sleep
• Two Analog Comparators
• Programmable Reference Voltage for Comparators
External Memory Bus (PIC18F8XJ11 only):
• Address Capability of up to 2 Mbytes
• 8-Bit or 16-Bit Interface
• 12-Bit, 16-Bit and 20-Bit Addressing modes
Low-Power Features:
• Power-Managed modes: Run, Idle, Sleep
• Run Current Down to 9 µA, Typical
• Idle Current Down to 2.5 µA, Typical
• Sleep Current Down to 100 nA, Typical
• Fast INTOSC Start-up from Sleep
• Two-Speed Oscillator Start-up Reduces Crystal
Stabilization Wait Time
Flexible Oscillator Structure:
• Two Crystal modes, 4-25 MHz
• Two External Clock modes, up to 40 MHz
• 4x Phase Lock Loop (PLL)
• Internal Oscillator Block:
- 8 user-selectable frequencies from 31.25 kHz
to 8 MHz
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock fails
Special Microcontroller Features:
• 1,000 Erase/Write Cycle Flash
Program Memory Typical
• Flash Retention 20 Years Minimum
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• In-Circuit Serial Programming™ (ICSP™) via two pins
• In-Circuit Debug via two pins
• Operating Voltage Range: 2.0V to 3.6V
• 5.5V Tolerant Input (digital pins only)
• Selectable Open-Drain Configuration for Serial
Communication and CCP pins for Driving Outputs up
to 5V
• On-Chip 2.5V Regulator
Device
Program Memory
SRAM Data
Memory
(bytes)
I/O
CCP
MSSP
10-Bit
A/D (ch)
PSP
Flash
(bytes)
# Single-Word
Instructions
SPI
Master
I2C™
PIC18F63J11
8K
4096
1K
52
1/3
2
Y
Y
1/1
12
2
Y
N
Y
PIC18F64J11
16K
8192
1K
52
1/3
2
Y
Y
1/1
12
2
Y
N
Y
PIC18F65J11
32K
16384
2K
52
1/3
2
Y
Y
1/1
12
2
Y
N
Y
PIC18F83J11
8K
4096
1K
68
1/3
2
Y
Y
1/1
12
2
Y
Y
Y
PIC18F84J11
16K
8192
1K
68
1/3
2
Y
Y
1/1
12
2
Y
Y
Y
PIC18F85J11
32K
16384
2K
68
1/3
2
Y
Y
1/1
12
2
Y
Y
Y
64/80-Pin High-Performance Microcontrollers
with nanoWatt Technology


Similar Part No. - PIC18F85J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC18F85J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com