Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C3223EDBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C3223EDBR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3223EDBR Datasheet(HTML) 2 Page - Texas Instruments

  SN65C3223EDBR Datasheet HTML 1Page - Texas Instruments SN65C3223EDBR Datasheet HTML 2Page - Texas Instruments SN65C3223EDBR Datasheet HTML 3Page - Texas Instruments SN65C3223EDBR Datasheet HTML 4Page - Texas Instruments SN65C3223EDBR Datasheet HTML 5Page - Texas Instruments SN65C3223EDBR Datasheet HTML 6Page - Texas Instruments SN65C3223EDBR Datasheet HTML 7Page - Texas Instruments SN65C3223EDBR Datasheet HTML 8Page - Texas Instruments SN65C3223EDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
SN65C3223E
,, SN75C3223E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS727A – MAY 2006 – REVISED JULY 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN75C3223EDW
SOIC – DW
75C3223E
Reel of 2000
SN75C3223EDWR
Tube of 70
SN75C3223EDB
0
°C to 70°C
SSOP – DB
MY223E
Reel of 2000
SN75C3223EDBR
Tube of 70
SN75C3223EPW
TSSOP – PW
MY223E
Reel of 2000
SN75C3223EPWR
Tube of 25
SN65C3223EDW
SOIC – DW
65C3223E
Reel of 2000
SN65C3223EDWR
Tube of 70
SN65C3223EDB
–40
°C to 85°C
SSOP – DB
MU223E
Reel of 2000
SN65C3223EDBR
Tube of 70
SN65C3223EPW
TSSOP – PW
MU223E
Reel of 2000
SN65C3223EPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLES
ABC
Each Driver(1)
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown disabled
H
H
H
X
L
L
L
H
Yes
H
Normal operation with
auto-powerdown enabled
H
L
H
Yes
L
L
L
H
No
Z
Powered off by
auto-powerdown feature
H
L
H
No
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
Each Receiver(1)
INPUTS
OUTPUT
VALID RIN
DOUT
RIN
EN
RS-232 LEVEL
L
L
X
H
H
L
X
L
X
H
X
Z
Open
L
No
H
(1)
H = high level, L = low level, X = irrelevant,
Z = high impedance (off),
Open = input disconnected or connected driver off
2
Submit Documentation Feedback


Similar Part No. - SN65C3223EDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223EDBR TI-SN65C3223EDBR Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223EDBRG4 TI-SN65C3223EDBRG4 Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
More results

Similar Description - SN65C3223EDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3238E TI-SN65C3238E Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3238E TI-SN65C3238E_07 Datasheet
384Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com