Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2682 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F2682
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
Download  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2682 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F2682 Datasheet HTML 55Page - Microchip Technology PIC18F2682 Datasheet HTML 56Page - Microchip Technology PIC18F2682 Datasheet HTML 57Page - Microchip Technology PIC18F2682 Datasheet HTML 58Page - Microchip Technology PIC18F2682 Datasheet HTML 59Page - Microchip Technology PIC18F2682 Datasheet HTML 60Page - Microchip Technology PIC18F2682 Datasheet HTML 61Page - Microchip Technology PIC18F2682 Datasheet HTML 62Page - Microchip Technology PIC18F2682 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 484 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39761B-page 57
PIC18F2682/2685/4682/4685
B4D4(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D3(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D2(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D1(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D0(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4DLC(6)
2682 2685 4682 4685
-xxx xxxx
-uuu uuuu
-uuu uuuu
B4EIDL(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4EIDH(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4SIDL(6)
2682 2685 4682 4685
xxxx x-xx
uuuu u-uu
uuuu u-uu
B4SIDH(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4CON(6)
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
B3D7(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3D6(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3D5(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3D4(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3D3(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3D2(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3D1(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3D0(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3DLC(6)
2682 2685 4682 4685
-xxx xxxx
-uuu uuuu
-uuu uuuu
B3EIDL(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3EIDH(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3SIDL(6)
2682 2685 4682 4685
xxxx x-xx
uuuu u-uu
uuuu u-uu
B3SIDH(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B3CON(6)
2682 2685 4682 4685
0000 0000
0000 0000
uuuu uuuu
B2D7(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B2D6(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B2D5(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B2D4(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B2D3(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
B2D2(6)
2682 2685 4682 4685
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.


Similar Part No. - PIC18F2682

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2682 MICROCHIP-PIC18F2682 Datasheet
5Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
More results

Similar Description - PIC18F2682

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2585-I MICROCHIP-PIC18F2585-I Datasheet
8Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4685-E MICROCHIP-PIC18F4685-E Datasheet
5Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2480 MICROCHIP-PIC18F2480_07 Datasheet
8Mb / 483P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F4680-E MICROCHIP-PIC18F4680-E Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4680-I MICROCHIP-PIC18F4680-I Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4580 MICROCHIP-PIC18F4580 Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F2480 MICROCHIP-PIC18F2480_09 Datasheet
8Mb / 490P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2009
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com