Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1320.171NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA1320.171NL
Description  SMT POWER INDUCTORS Power Beads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1320.171NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA1320.171NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1320.171NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT POWER INDUCTORS
Power Beads - PA1320NL Series
PA1320.XXXNL Temp Rise vs Power Dissipation
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
0
10
20
30
40
50
60
70
80
90
100
110
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
CoreLoss (W)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
500
1000
1500
2000
2500
3000
DB
where DB = 0.4 * L(nH) * DI
1.0
MHz
700
kHz
600
kHz
500
kHz
400
kHz
300
kHz
200
kHz
Typical Inducance vs DC Bias
DC Bias (A)
70
.171NL @ 100°C
0
50
100
150
200
250
300
0
102030
405060
.171NL @ 25°C
.221NL @ 100°C
.221NL @ 25°C
.301NL @ 25°C
.301NL @ 100°C
80
.121NL @ 25°C
.121NL @ 100°C
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China
Headquarters
No. 1
Industrial District
Changan, Dongguan
China
Tel: 86 769 85538070
Fax: 86 769 85538870
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 116
Fax: 49 7032 7806 135
www.pulseeng.com
P653.A (11/06)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - PA1320.171NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1320.171NL PULSE-PA1320.171NL Datasheet
596Kb / 2P
   Power Beads - PA1320NL and PA1320ANL Series
More results

Similar Description - PA1320.171NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0766NL PULSE-PA0766NL Datasheet
216Kb / 3P
   smt POWer inductors Power Beads - PA0766NL Series
P2004NLT PULSE-P2004NLT Datasheet
1Mb / 3P
   SMT Power Inductors Power Beads - Volta 1 & 2 series
PA2080NL PULSE-PA2080NL Datasheet
142Kb / 6P
   THT POWER INDUCTORS Power Beads
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com