Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP1800-48G Datasheet(PDF) 9 Page - Power-One

Part # FXP1800-48G
Description  1500 to 5400-Watt Front-End Power Solutions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXP1800-48G Datasheet(HTML) 9 Page - Power-One

Back Button FXP1800-48G Datasheet HTML 5Page - Power-One FXP1800-48G Datasheet HTML 6Page - Power-One FXP1800-48G Datasheet HTML 7Page - Power-One FXP1800-48G Datasheet HTML 8Page - Power-One FXP1800-48G Datasheet HTML 9Page - Power-One FXP1800-48G Datasheet HTML 10Page - Power-One FXP1800-48G Datasheet HTML 11Page - Power-One FXP1800-48G Datasheet HTML 12Page - Power-One FXP1800-48G Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DEC 12, 2006 revised to FEB 22, 2007
Page 9 of 15
www.power-one.com
FNP1500/1800 and FXP1500/1800 Front-Ends
& FNR-3 and FXR-3 Power Shelves Data Sheet
Mechanical Data
FNP1500/1800 Mechanical Data (H, W, D)
1.6” (40.6 mm) x 5.6” (142.2 mm) x 11” (279.4 mm)
FXP1500/1800 Mechanical Data (H, W, D)
1.6” (40.6 mm) x 5.6” (142.2 mm) x 12” (304.8 mm)
Note: FNP1500/1800's have only 11" (279.4 mm) depth
Output Connector Descriptions (12V Models)
Rear View
Connector: FCI (51732-026 LF)
Female ledge connector:
Manufacturer: FCI
Right Angle type: Part No. FCI (manufacturer): 51762-11202000AA LF; Power-One Part No.: ZES260-G
Vertical type:
Part No. FCI (manufacturer): 51742-11202000AA LF; Power-One Part No.: ZES282-G
Information on availability of FCI connectors under http://www.stkcheck.com/evs/fcielectronics/fcisearch.asp
IEC AC power cord with C19 connector VDE 16A: Interpower Components Ltd. 70009110250
IEC AC power cord with C19 connector UL
20A: Interpower Components Ltd. 70025110250


Similar Part No. - FXP1800-48G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FXP1800-48G BEL-FXP1800-48G Datasheet
2Mb / 15P
   AC-DC POWER SUPPLY
More results

Similar Description - FXP1800-48G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600_10 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
logo
Artesyn Technologies
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
   1500 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
   1500 Watt Bulk Front End
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com