Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP1500 Datasheet(PDF) 4 Page - Power-One

Part # FXP1500
Description  1500 to 5400-Watt Front-End Power Solutions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXP1500 Datasheet(HTML) 4 Page - Power-One

  FXP1500 Datasheet HTML 1Page - Power-One FXP1500 Datasheet HTML 2Page - Power-One FXP1500 Datasheet HTML 3Page - Power-One FXP1500 Datasheet HTML 4Page - Power-One FXP1500 Datasheet HTML 5Page - Power-One FXP1500 Datasheet HTML 6Page - Power-One FXP1500 Datasheet HTML 7Page - Power-One FXP1500 Datasheet HTML 8Page - Power-One FXP1500 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DEC 12, 2006 revised to FEB 22, 2007
Page 4 of 15
www.power-one.com
FNP1500/1800 and FXP1500/1800 Front-Ends
& FNR-3 and FXR-3 Power Shelves Data Sheet
Output Specifications, 12Vout Models
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter
Conditions/Description
Min
Nom
Max
Units
Nominal output voltage
Io = 64.5 A
12
VDC
Output voltage set point accuracy
Vi = 230 VAC, Io1 = 65.5 A, TC = 25 °C
(Factory setting)
11.93
-0.42
12
12.05
+0.42
VDC
% Vo1 nom
Output voltage trimming
Adjustable via I
2C (Vo1 set)
Adjustable via Margin pin (R input)
7
6.2
12
13
Vo1 set
VDC
VDC
Nominal
current
output 1
FNP1500-12G
Io1 nom @ Vi =108 VAC – 264 VAC, Po 1.5 kW
Io1 nom @ Vi = 85 VAC – 105 VAC, Po 1.2 kW
129.0
101.8
129.0
ADC
ADC
Current
limit
output 1
FNP1500-12G
Io1 max @ Vi = 108 VAC – 264 VAC droop hiccup
Io1 max @ Vi = 85 VAC – 105 VAC droop hiccup
147.4
120..2
ADC
ADC
Nominal current output 2
Io2 nom @ Vi = 85 VAC – 265 VAC, Po 12 W
1.0
1.0
ADC
Current limit output 2
Io2 max @ Vi = 85 VAC – 265 VAC
1.5
ADC
Static line regulation output 1
Vi min - Vi max, 50 % Io nom, Ta = 25 °C
-0.5
0.5
% Vo nom
Static load
regulation
output 1
(droop
characteristic)
FNP1500-12G
Vi = 230 V, 5 - 100 % Io nom
Full load to no load [0..129 A] at Vo set = 12V
dVo1 over the setting range [7 to 13V]
11.64
-0.36
- 5.58
12
12.36
+0.36
mV/A
VDC
VDC
Static load regulation
output 2 (droop characteristic)
Full load to no load @ Vi = 85 VAC – 265 VAC
0.4
VDC
Load change 50% <─>100% I
o nom, dI
o/dt =1A/μs
Voltage deviation (droop + over- or undershoot)
FNP1500-12G
-2
2
% Vo nom
Dynamic
load
regulation
FNP1500-12G
Max. recovery time to within 1% of Vo1 nom
400
μs
Difference in current between two units for Vo1 above
10 % load.
Current
Share
FNP1500-12G
12.9
ADC
Start-up time
Time required for output within regulation after initial
application of AC-input (Vi nom, Io nom)
after removal of inhibit (Vi nom, Io nom)
100
1.5
s
ms
Output voltage ripple and noise
(Filter 10nF/10µF)
Vi nom, Io nom, 20 MHz bandwidth
Vo1
Vo2
120
120
mVpp
mVpp
Remote sense
Total compensation for cable losses
500
mV


Similar Part No. - FXP1500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FXP1500 BEL-FXP1500 Datasheet
2Mb / 15P
   AC-DC POWER SUPPLY
FXP1500-32G BEL-FXP1500-32G Datasheet
1Mb / 15P
   AC-DC POWER SUPPLY
FXP1500-48G BEL-FXP1500-48G Datasheet
2Mb / 15P
   AC-DC POWER SUPPLY
More results

Similar Description - FXP1500

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600_10 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
logo
Artesyn Technologies
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
   1500 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
   1500 Watt Bulk Front End
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com