Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP80 Datasheet(PDF) 3 Page - Power-One

Part # FP80
Description  Filter & Ring Core Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FP80 Datasheet(HTML) 3 Page - Power-One

  FP80 Datasheet HTML 1Page - Power-One FP80 Datasheet HTML 2Page - Power-One FP80 Datasheet HTML 3Page - Power-One FP80 Datasheet HTML 4Page - Power-One FP80 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Accessories
Filter & Ring Core Chokes FP, L and LP Series
REV. SEP 29, 2003
Page 3 of 5
Typical Application
The example in figure
Reduction of voltage interference by
FP filters shows a switching regulator operating from a bat-
tery (
Ri
< 0.5 Ω) with long supply lines (e.g. 2 m).The result-
ing superimposed interference voltage
USL may be meas-
ured at the regulators input. The connection of a filter in
front of the power supply will reduce this interference ac-
cordingly:
1. The regulator's source impedance is mainly inductive
because of the low battery impedance and the long sup-
ply lines. It can be calculated as follows:
l
ZLine l
≅ 2 π • fS • LLine • 2 l
l
ZLine l
≅ 2 π • (150 • 103) • 10-6 • 2 • 2 ≅ 3.8 Ω
fS:
Switching frequency (150 kHz)
LLine : Supply line inductance (typically 1µH/m)
l :
Length of single supply line (twice for posi-
tive and negative path)
Fig. 3
Reduction of voltage interference by FP filters
Vi+
Gi–
Vo+
Go–
PSR
RL
Uo
U
Filter
Uio
Uii
Gi
Us
2 • l
ZLine
12011
2. This example shows, that with an inductive source im-
pedance of 3.8
Ω, the insertion of the filter results in an
interference voltage reduction of approx. 18 dB (see
fig.:
Interference voltage reduction with FP filters at f =
150 kHz).
3. The original superimposed interference voltage will be
reduced by a factor of approx. 8:
USF = USL • 10–18/20 [V]
Electrical Data Ring Core Chokes
General Condition:
TA = 25°C unless otherwise specified
Table 3: Ring core chokes
Characteristics
Conditions
L20-7/LP 20-7
LP34-3
LP183
min
typ
max
min
typ
max
min
typ
max
Unit
ILn
Rated current 1
L = 0.75 Lo
7
3
8
A DC
RL
Ohmic resistance
5
5.5
6
18
20
22
2
×2.9 2×4.2 2×5.5
Lo
No load inductance
IL = 0, TC min...TC max
18
20
22
30
34
38
2
×95 2×183 2×245
µH
DTI
Current specific case
0.082
0.68
0.19
K/A2
temp. increase 1
TA
Amb. temperature 1
IL = ILn
–40
106
–40
104
–40
98
°C
TC
Case temperature
–40
110
–40
110
–40
110
TS
Storage temperature
–40
110
–40
110
–40
110
1 If the choke is not operating at the rated current ILn, the maximum ambient temperature TA max and the maximum direct current IL max
change according to the following equations:
IL max =
TC max –TA max
TA max = TC max – IL2 max • DTI
DTI
Low-Loss Ring Core Chokes L/LP-Series
The ring core chokes, in combination with a capacitor, may
easily be used for application specific LC filters at the input
or output of switched mode power supplies. All chokes are
suitable for PCB mounting. They are either moulded into
plastic cases or isolated from the PCB by means of an iso-
lation pad.
Series L/LP20-7 and LP34-3 are intended for use as differ-
ential mode filters and the current compensated choke
LP183 enables attenuation of common mode interference.
80
60
40
0
20
02
6
412
8
10
14
100
7
3
75
LP34-3
LP183
L/LP20-7
12012
L /Lo [%]
IL [A]
Fig. 4
Choke inductance versus current


Similar Part No. - FP80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP80 ETC2-FP80 Datasheet
265Kb / 2P
   fan filter assemblies - PMFA T Series
logo
FSP TECHNOLOGY INC.
FP800 FSP-FP800 Datasheet
60Kb / 1P
   Auto restart while AC is recovering
logo
DAESAN ELECTRONIC CORP.
FP801 DAESAN-FP801 Datasheet
321Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FP802 DAESAN-FP802 Datasheet
321Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FP803 DAESAN-FP803 Datasheet
321Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - FP80

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
logo
EPCOS
B82615 EPCOS-B82615 Datasheet
236Kb / 6P
   Chokes for Power Lines Ring Core Chokes with Iron Powder Core
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
B82747F4103N001 TDK-B82747F4103N001 Datasheet
780Kb / 6P
   Current-compensated ring core triple chokes
B82767S4123N030 TDK-B82767S4123N030 Datasheet
598Kb / 7P
   Current-compensated ring core quad chokes
B82745S6123N002 TDK-B82745S6123N002 Datasheet
362Kb / 6P
   Current-compensated ring core triple chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com