Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H15S4 Datasheet(PDF) 1 Page - Power-One

Part # H15S4
Description  Cassette Style Mating Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

H15S4 Datasheet(HTML) 1 Page - Power-One

  H15S4 Datasheet HTML 1Page - Power-One H15S4 Datasheet HTML 2Page - Power-One H15S4 Datasheet HTML 3Page - Power-One H15S4 Datasheet HTML 4Page - Power-One H15S4 Datasheet HTML 5Page - Power-One H15S4 Datasheet HTML 6Page - Power-One H15S4 Datasheet HTML 7Page - Power-One H15S4 Datasheet HTML 8Page - Power-One H15S4 Datasheet HTML 9Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Accessories
Cassette Style Mating Connectors H11, H15, H15S2, H15S4
SEP 29, 2003 revised to MAY 24, 2006
Page 1 of 9
www.power-one.com
Table 1: H11 Connector Survey
Female connector
Reference
Description of terminals
Fig.
Integrated
type
coding
STV-H11-F/CO
HZZ00101
Faston terminals 6.3
× 0.8 mm
2
yes
STV-H11-FS/CO 2
HZZ00104
Faston terminals 6.3
× 0.8 mm, solderable (short moulding)
3
yes
STV-H11-FSR/CO
HZZ00102
Screw terminals, 90°, 2.5 mm2 (AWG 13), torque
≤ 26.6 Ncm
4
yes
STV-H11-FB/CO 1
HZZ00103
Solder pin 5.2 mm,
1.6 mm
5
yes
STV-H11-FBER/CO 2
HZZ00113
Solder pin 4.3 mm,
1.0 mm
5
yes
STV-H11-FP/CO 2
HZZ00111
Press fit 6.5 mm,
1.0 mm
5
yes
STV-H11-FBG/CO 2
HZZ00199
Solder pin 5.2 mm,
1.6 mm, gold-plated contacts
5
yes
1 See also matching Flexi-PCB for PCB-mounting of converters (See the Power-One WEB site Accessories/ Mounting Supports)
2 Ask Power-One for availability
Description
All 19" cassette type converters are equipped with either
H11-, H15-, H15S2 or H15S4 male connectors. Mating
female connectors are available as accessories according
to the following tables. The four H-type connector versions
are specially designed for power supply applications,
capable of handling high operating currents. The con-
nectors have an integrated code key system allowing many
coding possibilities. Converters with high output current
normally use two contacts in parallel to keep the voltage
drop across the connector as low as possible. In case of
very high currents, the connectors are fitted with round high
current contacts.
H11 Connectors
This connector has eleven contacts in one vertical column
marked 2 to 32. Mating and mounting conditions are
according to DIN 41612. The connector contacts are hard-
silver-plated and correspond to quality class 1, with respect
to electrical and mechanical life time.
This connector type (male version) is used in the following
converter series (case size):
H (H02), M (M02), and PSL (L04).
Description ....................................................................... 1
H11 Connectors ............................................................... 1
H15 Connectors ............................................................... 3
H15S2, H15S4 Connectors .............................................. 5
Technical Data .................................................................. 7
Code Key System ............................................................ 7
Connector Retention Brackets CRB ................................. 8
Extraction Tool for High Current Contacts ........................ 8
Connector Retention Clips V ............................................ 8
Cable Hood ...................................................................... 9
Cable Hood Retention Brackets CHRB ............................ 9
Table of Contents
Page
Page


Similar Part No. - H15S4

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H15 MCC-H15 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Eaton All Rights Reserv...
H15 EATON-H15 Datasheet
305Kb / 2P
   PCB fuse holders for 5 mm x 20 mm fuses
logo
Micro Commercial Compon...
H15-1 MCC-H15-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
H15-2 MCC-H15-2 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
More results

Similar Description - H15S4

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
HZZ00101-G BEL-HZZ00101-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
logo
AVX Corporation
60-8489-020-001-049 AVX-60-8489-020-001-049 Datasheet
395Kb / 7P
   Style M Connectors
8489 AVX-8489 Datasheet
395Kb / 7P
   Style M Connectors
logo
DISCO Corporation
MDTC-300-03 DISCO-MDTC-300-03 Datasheet
146Kb / 1P
   Cassette
MDTC-300-01 DISCO-MDTC-300-01 Datasheet
138Kb / 1P
   Cassette
MDTC-300-02 DISCO-MDTC-300-02 Datasheet
149Kb / 1P
   Cassette
logo
DDK Ltd.
CM03A DDK-CM03A Datasheet
292Kb / 5P
   DeviceNet Mini-style Connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
RA-1611 ETC2-RA-1611 Datasheet
309Kb / 2P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com