Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLP55-1005 Datasheet(PDF) 2 Page - Power-One

Part # BLP55-1005
Description  three-output ac-dc power conversion to meet the requirements of networking and data communications systems,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

BLP55-1005 Datasheet(HTML) 2 Page - Power-One

  BLP55-1005 Datasheet HTML 1Page - Power-One BLP55-1005 Datasheet HTML 2Page - Power-One BLP55-1005 Datasheet HTML 3Page - Power-One BLP55-1005 Datasheet HTML 4Page - Power-One BLP55-1005 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BLP55 AC-DC Series Data Sheet
55 Watts
REV. MAR 31, 2006
Page 2 of 5
www.power-one.com
Input Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Single-phase continuous input range.
85
100-250
264
VAC
Input Voltage - DC
Consult factory.
Input Frequency
AC input.
47
50/60
63
Hz
Input Current
At 115 VAC input.
1ARMS
Inrush Surge Current
Internally limited.
Vin = 115 VAC, Max Power, 25 °C.
18
APK
Internally limited.
Vin = 230VAC, Max Power, 25 °C.
36
APK
Input Fuse
Internally located AC input line fuse rated at F, 250 V, 3.15 A.
Efficiency
At Max Power, -3300 60% nominal.
70
%
Output Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Output Power
With convection cooling (-3300 25 W).
See Model Selection Table
40
Watts
With forced-air cooling (-3300 41 W).
See Model Selection Table
55
Output DC Adjustability:
Adjustability of Vo1 (Vo2/Vo3 are not adjustable).
-5%, +10%
Of Nom
Overshoot
5%
Load Transient
Vo1, Vo2, or Vo3 deviation due to a 50 to 100% load change
±3
%
at a rate of 1A/µs.
Turn-On Time from AC ON
Time required for output voltage to reach within regulation after initial application
1.5
Sec
of AC input.
Turn-On Delay
Time required for output voltage to rise from 10% to 90%.
20
ms
Hold-Up Time
At 40 W, 115 VAC
20
ms
Remote Sense
Total compensation for cable losses on Vo1.
500
mV
(Remote Sense is not available for Vo2 or Vo3)
Interface Signals and Internal Protection
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
Main output.
3.3V:
3.8
4.5
5V:
5.7
6.8
12V:
13.8
16.2
V
24V:
27.6
32.4
48V:
52.8
56.4
Short Circuit Protection
Fully-protected against output short circuit.


Similar Part No. - BLP55-1005

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLP5LA55S AMPLEON-BLP5LA55S Datasheet
1Mb / 20P
   Power LDMOS transistor
Rev. 3 ??16 July 2021
BLP5LA55SG AMPLEON-BLP5LA55SG Datasheet
1Mb / 20P
   Power LDMOS transistor
Rev. 1 - 7 April 2023
BLP5LA55SGXY AMPLEON-BLP5LA55SGXY Datasheet
1Mb / 20P
   Power LDMOS transistor
Rev. 1 - 7 April 2023
BLP5LA55SGZ AMPLEON-BLP5LA55SGZ Datasheet
1Mb / 20P
   Power LDMOS transistor
Rev. 1 - 7 April 2023
BLP5LA55SXY AMPLEON-BLP5LA55SXY Datasheet
1Mb / 20P
   Power LDMOS transistor
Rev. 3 ??16 July 2021
More results

Similar Description - BLP55-1005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1587 FAIRCHILD-RC1587 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
logo
Ohmite Mfg. Co.
RES-TAP800 OHMITE-RES-TAP800 Datasheet
379Kb / 2P
   Materials meet the requirements of UL94-V0
logo
ams AG
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
   The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
   The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC2L5L1.TE AMSCO-KWC2L5L1.TE Datasheet
1Mb / 23P
   The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.6 2021-07-26
KWC3L5L1.TE AMSCO-KWC3L5L1.TE Datasheet
1Mb / 23P
   The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.5 2021-07-26
logo
Hirose Electric
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
Micrel Semiconductor
KSZ8692PB MICREL-KSZ8692PB Datasheet
1,014Kb / 46P
   Integrated Networking and Communications Controller
KSZ8692MPB MICREL-KSZ8692MPB Datasheet
920Kb / 42P
   Integrated Networking and Communications Controller
logo
STMicroelectronics
STTH8BC060 STMICROELECTRONICS-STTH8BC060 Datasheet
47Kb / 3P
   helps meet the 80 efficiency requirements
November 2010 Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com