Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBP100TEA060 Datasheet(PDF) 3 Page - Fuji Electric

Part # 7MBP100TEA060
Description  Econo IPM series 600V / 100A 7 in one-package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP100TEA060 Datasheet(HTML) 3 Page - Fuji Electric

  7MBP100TEA060 Datasheet HTML 1Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 2Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 3Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 4Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 5Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 6Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 7Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 8Page - Fuji Electric 7MBP100TEA060 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7MBP100TEA060
IGBT-IPM
Figure 1. Switching Time Waveform Definitions
Figure 2. Input/Output Timing Diagram
Figure.4 Definition of tsc
Figure 5. Noise Test Circuit
Figure 7. Icc Test Circuit
Figure 6. Switching Characteristics Test Circuit
Ic
Ic
IALM
tsc
IALM
IALM
Ic
Ic
Ic
IALM
tsc
IALM
IALM
Ic
/Vin
Vge (Inside IPM )
Fault (Inside IPM
)
/ALM
Gate Off
on
Gate On
2ms(typ.)
off
normal
t ALM
Max.
tALM > Max.
off
Fault : Over-current,Over-heat or Under-voltage
on
alarm
tALM >
12
3
/Vin
Vge (Inside IPM )
Fault (Inside IPM
)
/ALM
Gate Off
on
Gate On
2ms(typ.)
off
normal
t ALM
Max.
tALM > Max.
off
Fault : Over-current,Over-heat or Under-voltage
on
alarm
tALM >
12
3
On
ton
Vin
Ic
Vin(th)
Vin(th)
50%
toff
10%
trr
90%
90%
On
ton
Vin
Ic
Vin(th)
Vin(th)
50%
toff
10%
trr
90%
90%
Vin
DC
15V
DC
300V
N
+
L
IPM
Ic
P
HCPL
-
4504
Vcc
GND
N
+
IPM
P
-
20 k
Vin
DC
15V
DC
300V
N
+
L
IPM
Ic
P
HCPL
-
4504
Vcc
GND
N
+
IPM
P
-
20 k
A
Vcc
Vin
GND
Icc
P
U
V
W
N
P.G
+8V
fsw
IPM
DC
15V
A
Vcc
Vin
GND
Icc
P
U
V
W
N
P.G
+8V
fsw
IPM
DC
15V
VccU
DC
15V
+
IPM
P
U
V
W
N
20k
VinU
GNDU
SW1
Vcc
DC
15V
20k
VinX
GND
SW2
Cooling
Fin
Earth
AC200V
4700p
Noise
CT
VccU
DC
15V
+
IPM
P
U
V
W
N
20k
VinU
GNDU
SW1
Vcc
DC
15V
20k
VinX
GND
SW2
Cooling
Fin
Earth
AC200V
4700p
Noise
CT


Similar Part No. - 7MBP100TEA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP100NA060-01 FUJI-7MBP100NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
logo
List of Unclassifed Man...
7MBP100RA060 ETC2-7MBP100RA060 Datasheet
743Kb / 8P
   600V / 100A 7 in one-package
logo
Fuji Electric
7MBP100RA060 FUJI-7MBP100RA060 Datasheet
752Kb / 8P
   IGBT-IPM
7MBP100RA120 FUJI-7MBP100RA120 Datasheet
381Kb / 8P
   IGBT-IPM(1200V/100A)
More results

Similar Description - 7MBP100TEA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP100TEA060 FUJI-6MBP100TEA060 Datasheet
302Kb / 8P
   Econo IPM series 600V / 100A 6 in one-package
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
   Econo IPM series 600V / 50A 6 in one-package
7MBP50TEA120 FUJI-7MBP50TEA120 Datasheet
352Kb / 9P
   Econo IPM series 1200V / 50A 7 in one-package
6MBP150TEA060 FUJI-6MBP150TEA060 Datasheet
296Kb / 8P
   Econo IPM series 600V / 150A 6 in one-package
logo
List of Unclassifed Man...
7MBP100RA060 ETC2-7MBP100RA060 Datasheet
743Kb / 8P
   600V / 100A 7 in one-package
logo
Fuji Electric
6MBP50TEA120 FUJI-6MBP50TEA120 Datasheet
307Kb / 8P
   Econo IPM series 1200V / 50A 6 in one-package
6MBP75TEA120 FUJI-6MBP75TEA120 Datasheet
313Kb / 8P
   Econo IPM series 1200V / 75A 6 in one-package
logo
List of Unclassifed Man...
7MBP150RA060 ETC2-7MBP150RA060 Datasheet
1Mb / 8P
   IGBT-IPM R series 600V / 150A 7 in one-package
7MBP50RA060 ETC2-7MBP50RA060 Datasheet
767Kb / 8P
   IGBT-IPM R series 600V / 50A 7 in one-package
logo
Fuji Electric
7MBP75RA060 FUJI-7MBP75RA060 Datasheet
1Mb / 8P
   IGBT-IPM R series 600V / 75A 7 in one-package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com