Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP1802T-3302I/OT Datasheet(PDF) 8 Page - Microchip Technology

Part No. MCP1802T-3302I/OT
Description  300 mA, High PSRR, Low Quiescent Current LDO
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

MCP1802T-3302I/OT Datasheet(HTML) 8 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MCP1802
DS22053A-page 8
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated: V
R = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VR + 1.0V, SOT-23-5.
FIGURE 2-19: Load Regulation vs.
Temperature.
FIGURE 2-20: Load Regulation vs.
Temperature.
FIGURE 2-21: Line Regulation vs.
Temperature.
FIGURE 2-22: Line Regulation vs.
Temperature.
FIGURE 2-23: Line Regulation vs.
Temperature.
FIGURE 2-24: PSRR vs. Frequency.
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 3.3V
IOUT = 0.1 mA to 150 mA
VIN = 4.3V
VIN = 10V
VIN = 8V
VIN = 6V
-0.30
-0.20
-0.10
0.00
0.10
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 6.0V
IOUT = 0.1 mA to 150 mA
VIN = 9V
VIN = 10V
VIN = 7V
VIN = 8V
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VIN = 2.0 to 10.0V
VOUT = 0.9V
10 mA
1 mA
50 mA
100 mA
150 mA
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 3.3V
VIN = 4.3V to 10V
1 mA
100 mA
10 mA
150 mA
50 mA
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 6.0V
VIN = 7.0V to 10.0V
100 mA
150 mA
1 mA
50 mA
10 mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VR=3.3V
VIN=4.3V
VINAC = 100 mV p-p
CIN=0 μF
IOUT=100 µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn